Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6311 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT6311
Description  White LED/OLED Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6311 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT6311 Datasheet HTML 1Page - Active-Semi, Inc ACT6311 Datasheet HTML 2Page - Active-Semi, Inc ACT6311 Datasheet HTML 3Page - Active-Semi, Inc ACT6311 Datasheet HTML 4Page - Active-Semi, Inc ACT6311 Datasheet HTML 5Page - Active-Semi, Inc ACT6311 Datasheet HTML 6Page - Active-Semi, Inc ACT6311 Datasheet HTML 7Page - Active-Semi, Inc ACT6311 Datasheet HTML 8Page - Active-Semi, Inc ACT6311 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACT6311
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 4, 15-Nov-12
FUNCTIONAL DESCRIPTION
The ACT6311 is a high efficiency step-up DC/DC
converter that employs a current-mode, fixed
frequency
pulse-width
modulation
(PWM)
architecture with excellent line and load regulation.
Figure 3 shows the functional block diagram of the
IC. The flip-flop is set at the start of each oscillator
cycle, and turns on the power switch. During this on
time, the switch current level is sensed and added
to a ramp signal, and the resulting sum is compared
with the output of the error amplifier. If the error
comparator output is high, the flip-flop is reset and
the power switch turns off. Thus, the peak inductor
current level is controlled by the error amplifier
output, which is integrated from the difference
between FB input and the 1.24V reference point.
The ACT6311 operates at a constant switching
frequency for output current higher than 4mA. If the
output current decreases further, the IC will enter
frequency modulation mode, resulting in some low
frequency ripple.
Figure 3. Functional Block Diagram
ERROR
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com