Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6311 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT6311
Description  White LED/OLED Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6311 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT6311 Datasheet HTML 3Page - Active-Semi, Inc ACT6311 Datasheet HTML 4Page - Active-Semi, Inc ACT6311 Datasheet HTML 5Page - Active-Semi, Inc ACT6311 Datasheet HTML 6Page - Active-Semi, Inc ACT6311 Datasheet HTML 7Page - Active-Semi, Inc ACT6311 Datasheet HTML 8Page - Active-Semi, Inc ACT6311 Datasheet HTML 9Page - Active-Semi, Inc ACT6311 Datasheet HTML 10Page - Active-Semi, Inc ACT6311 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACT6311
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 4, 15-Nov-12
PACKAGE OUTLINE
SOT23-5 PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
-
1.450
-
0.057
A1
0.000
0.150
0.000
0.006
A2
0.900
1.300
0.035
0.051
b
0.300
0.500
0.012
0.020
c
0.080
0.220
0.003
0.009
D
2.900 BSC
0.114 BSC
E
1.600 BSC
0.063 BSC
E1
2.800 BSC
0.110 BSC
e
0.950 BSC
0.037 BSC
e1
1.900 BSC
0.075 BSC
L
0.60REF
L1
0.300
0.600
0.012
0.024
θ
0°
8°
0°
8°
0.024REF
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com