Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT6311 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT6311
Description  White LED/OLED Step-Up Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6311 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT6311 Datasheet HTML 3Page - Active-Semi, Inc ACT6311 Datasheet HTML 4Page - Active-Semi, Inc ACT6311 Datasheet HTML 5Page - Active-Semi, Inc ACT6311 Datasheet HTML 6Page - Active-Semi, Inc ACT6311 Datasheet HTML 7Page - Active-Semi, Inc ACT6311 Datasheet HTML 8Page - Active-Semi, Inc ACT6311 Datasheet HTML 9Page - Active-Semi, Inc ACT6311 Datasheet HTML 10Page - Active-Semi, Inc ACT6311 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACT6311
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 4, 15-Nov-12
Switching Waveform in Discontinuous Mode
SW
5V/DIV
Inductor
Current
100mA/DIV
VIN = 3V
No load
VIN = 3.6V
ILOAD = 20MA
VIN = 3.6V
VOUT = 13.6V
VOUT = 13.6V
IOUT = 10mA
VIN = 3.6V
ILOAD = 20mA
Test Circuit Figure 8
Startup without Soft Start Circuit
Load Step Response
Startup with Soft Start Circuit
Line Step Response
1µs/DIV
SHDN
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Circuit of Figure 1, unless otherwise specified.)
20µs/DIV
VOUT
200mV/DIV
Inductor
Current
200mA/DIV
VOUT
5V/DIV
4ms/DIV
SHDN
Inductor
Current
50mA/DIV
VOUT
5V/DIV
100µs/DIV
VOUT
1V/DIV
20mA
Load Step
2mA
100µs/DIV
VOUT
500mV/DIV
VIN
3V
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com