Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4963 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AM4963
Description  Single Phase Full Wave Direct PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4963 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AM4963 Datasheet HTML 4Page - Diodes Incorporated AM4963 Datasheet HTML 5Page - Diodes Incorporated AM4963 Datasheet HTML 6Page - Diodes Incorporated AM4963 Datasheet HTML 7Page - Diodes Incorporated AM4963 Datasheet HTML 8Page - Diodes Incorporated AM4963 Datasheet HTML 9Page - Diodes Incorporated AM4963 Datasheet HTML 10Page - Diodes Incorporated AM4963 Datasheet HTML 11Page - Diodes Incorporated AM4963 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
8
0
5
10
15
20
25
0
5
10
15
20
25
T
A=25
0C
I
Q1 (VCT=L)
I
Q2 (VCT=H)
V
CC (V)
-50
0
50
100
0
4
8
12
16
20
V
CC=12V
I
Q1 (VCT=L)
I
Q2 (VCT=H)
T
A (
OC)
0
100
200
300
400
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
CC=12V, TA=25
0C
V
SATH
V
SATL
I
OUT (mA)
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient Temperature (
OC)
90
HTSSOP-14
Typical Performance Characteristics
Figure 4. Quiescent Current vs. Supply Voltage
Figure 5. Quiescent Current vs. Ambient Temperature
Figure 6. Output Saturation Voltage vs.
Figure 7. Allowable Power Dissipation vs.
Output Current
Ambient Temperature (For HTSSOP-14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com