Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4963 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AM4963
Description  Single Phase Full Wave Direct PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4963 Datasheet(HTML) 3 Page - Diodes Incorporated

  AM4963 Datasheet HTML 1Page - Diodes Incorporated AM4963 Datasheet HTML 2Page - Diodes Incorporated AM4963 Datasheet HTML 3Page - Diodes Incorporated AM4963 Datasheet HTML 4Page - Diodes Incorporated AM4963 Datasheet HTML 5Page - Diodes Incorporated AM4963 Datasheet HTML 6Page - Diodes Incorporated AM4963 Datasheet HTML 7Page - Diodes Incorporated AM4963 Datasheet HTML 8Page - Diodes Incorporated AM4963 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
3
Pin Description
Pin Number
HTSSOP-14
SSOP-16
Pin Name
Function
1
2
OUT2
Driver output2
2
3
VCC
Power
3
4
VMIN
Minimum duty setting
4
5
PWM
PWM pulse adjustable input
5
6
CF
PWM Filter capacitor input
6
7
FG/RD
Rotation speed indicator or Rotation/lock state indicator
7
8
RT
Thermal sensitive
8
9
TL
Low temperature set resistor
9
10
HIN+
Hall sensor input+
10
11
HIN-
Hall sensor input-
11
12
RADJ
Alpha slope adjustable
12
13
CT
Lock and rotation setting capacitor terminal
13
15
TH
High temperature set resistor
14
16
OUT1
Driver output1
1
PGND
Power ground
14
SGND
Signal ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com