Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4963 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AM4963
Description  Single Phase Full Wave Direct PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4963 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AM4963 Datasheet HTML 8Page - Diodes Incorporated AM4963 Datasheet HTML 9Page - Diodes Incorporated AM4963 Datasheet HTML 10Page - Diodes Incorporated AM4963 Datasheet HTML 11Page - Diodes Incorporated AM4963 Datasheet HTML 12Page - Diodes Incorporated AM4963 Datasheet HTML 13Page - Diodes Incorporated AM4963 Datasheet HTML 14Page - Diodes Incorporated AM4963 Datasheet HTML 15Page - Diodes Incorporated AM4963 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
13
0
2040
6080
100
0
20
40
60
80
100
V
CC=12V
T
A=30
OC
T
A=38
OC
Input Duty Cycle (%)
56789
10
24
26
28
30
32
34
36
38
40
R
T=TSM2A103F39H1RZ
R8 (kΩ)
40
60
80
100
120
140
160
180
200
220
240
32
34
36
38
40
42
Input duty cycle=100%
T
L=30
0C
R9 (kΩ)
28
30
32
34
36
38
40
0
20
40
60
80
100
Input duty cycle=20%
Input duty cycle=50%
Input duty cycle=70%
Input duty cycle=100%
T
A (
OC)
T
H
T
L
Typical Application (Note 4, Continued)
Note 4: Some typical performance curves of applications based on circuits above (Figure 10, 11) are shown as
below (R1 to R6 open, R8=8k
Ω, R9=150kΩ).
Figure 12. Output Duty Cycle vs. Input Duty Cycle
Figure 13. Output Duty Cycle vs. TA
Figure 14. Low Corner Temperature vs. R8
Figure 15. High Corner Temperature vs. R9 (Note 5)
Note 5:
1) Low corner temperature (TL) is set by thermal resistor RT and R8; RT=R8 when at temperature TL.
2) High corner temperature (TH) can be expressed as: TH≈TL+5*R9/100k.
3) First, set TL, then TH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com