Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4963 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AM4963
Description  Single Phase Full Wave Direct PWM Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4963 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AM4963 Datasheet HTML 8Page - Diodes Incorporated AM4963 Datasheet HTML 9Page - Diodes Incorporated AM4963 Datasheet HTML 10Page - Diodes Incorporated AM4963 Datasheet HTML 11Page - Diodes Incorporated AM4963 Datasheet HTML 12Page - Diodes Incorporated AM4963 Datasheet HTML 13Page - Diodes Incorporated AM4963 Datasheet HTML 14Page - Diodes Incorporated AM4963 Datasheet HTML 15Page - Diodes Incorporated AM4963 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
14
Mechanical Dimensions
HTSSOP-14
Unit: mm(inch)
6.350(0.250)
6.550(0.258)
1.470(0.058)
1.570(0.062)
1.450(0.057)
1.550(0.061)
0.750(0.030)
0.850(0.033)
0.650(0.026)
BSC
1.300(0.051)
BSC
6.200(0.244)
6.600(0.260)
0.340(0.013)
0.540(0.021)
1.200(0.047)
MAX
0.050(0.002)
0.200(0.008)
0.900(0.035)
1.050(0.041)
4.300(0.169)
4.500(0.177)
SEE
DETAIL A
0.250(0.010)
BSC
R0.090(0.004)
MIN
R0.090(0.004)
MIN
0.200(0.008)
MIN
10
14
0.450(0.018)
0.750(0.030)
1.000(0.039)
REF
0
8
DETAIL A
Note: Eject hole, oriented hole and mold mark is optional.
0.200(0.008) or 1.480(0.058)
0.280(0.011) or 1.610(0.063)
0.100(0.004)
0.150(0.006)
0.100(0.004)
0.190(0.007)
0.200(0.008) or 1.470(0.058)
0.240(0.009) or 1.570(0.062)
BASE METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com