Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH921 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH921
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH921 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH921 Datasheet HTML 1Page - Diodes Incorporated AH921 Datasheet HTML 2Page - Diodes Incorporated AH921 Datasheet HTML 3Page - Diodes Incorporated AH921 Datasheet HTML 4Page - Diodes Incorporated AH921 Datasheet HTML 5Page - Diodes Incorporated AH921 Datasheet HTML 6Page - Diodes Incorporated AH921 Datasheet HTML 7Page - Diodes Incorporated AH921 Datasheet HTML 8Page - Diodes Incorporated AH921 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jul. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AH921 is a Hall-effect latch designed in mixed
signal CMOS technology. It is quite suitable for use
in automotive, industrial and consumer applications.
Superior high-temperature performance is made
possible through dynamic offset cancellation, which
reduces the residual offset voltage normally caused
by device over-molding, temperature dependencies,
and thermal stress. The device integrates a voltage
regulator,
Hall-voltage
generator,
small-signal
amplifier, chopper stabilization, schmitt trigger, and
is directly drivable by the output.
An on-board regulator permits operation with supply
voltage from 3.5V to 24V.
The AH921 is available in TO-92S-3 and SOT-23-3
packages, which are optimized for most applications.
Features
•
Wide Operating Voltage Range from 3.5 to 24V
•
Symmetrical Switch Points
•
Chopper-stabilized Amplifier Stage
•
Superior Temperature Stability
•
Compact Size
•
Built-in Pull-up Resistor
•
ESD Rating: 3500V (Human Body Model)
Applications
•
Brushless DC Motor Commutation
•
Brushless DC Fan
•
Solid-state Switch
•
Revolution Counting
•
Speed Detection
•
High Sensitivity and Unconnected Switch
Figure 1. Package Types of AH921
TO-92S-3
SOT-23-3


Similar Part No. - AH921

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921NTR-G1 BCDSEMI-AH921NTR-G1 Datasheet
629Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921Z3-G1 BCDSEMI-AH921Z3-G1 Datasheet
629Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results

Similar Description - AH921

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
Ultra High Sensitivity Hall Effect Latch
logo
Nanjing Ouzhuo Technolo...
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH920 DIODES-AH920 Datasheet
325Kb / 13P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
Rev olution
logo
SEC Electronics Inc.
SS2412 SECELECTRONICS-SS2412 Datasheet
314Kb / 9P
CMOS High Sensitivity Micropower Hall Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com