Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH921 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH921
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH921 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH921 Datasheet HTML 1Page - Diodes Incorporated AH921 Datasheet HTML 2Page - Diodes Incorporated AH921 Datasheet HTML 3Page - Diodes Incorporated AH921 Datasheet HTML 4Page - Diodes Incorporated AH921 Datasheet HTML 5Page - Diodes Incorporated AH921 Datasheet HTML 6Page - Diodes Incorporated AH921 Datasheet HTML 7Page - Diodes Incorporated AH921 Datasheet HTML 8Page - Diodes Incorporated AH921 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jul. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
3
Functional Block Diagram
Hall Sense
Chopper
Switch
Reference Voltage
AMP
VCC
1 (1)
OUT
3 (2)
2 (3)
GND
A (B)
A for TO-92S-3
B for SOT-23-3
100k
Figure 3. Functional Block Diagram of AH921
Ordering Information
AH921
-
Circuit Type
Package
Z3: TO-92S-3
N: SOT-23-3
Package
Temperature
Range
Part Number
Marking ID
Packing Type
TO-92S-3
AH921Z3-G1
921
Bulk
SOT-23-3
-40 to 125°C
AH921NTR-G1
GS6
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS
compliant and green.
G1: Green
TR: Tape & Reel
Blank: Bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com