Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH921 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH921
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH921 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH921 Datasheet HTML 1Page - Diodes Incorporated AH921 Datasheet HTML 2Page - Diodes Incorporated AH921 Datasheet HTML 3Page - Diodes Incorporated AH921 Datasheet HTML 4Page - Diodes Incorporated AH921 Datasheet HTML 5Page - Diodes Incorporated AH921 Datasheet HTML 6Page - Diodes Incorporated AH921 Datasheet HTML 7Page - Diodes Incorporated AH921 Datasheet HTML 8Page - Diodes Incorporated AH921 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jul. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
28
V
Supply Current (Fault)
ICC
5
mA
Output current (Continuous)
IOUT
25
mA
TO-92S-3
400
Power Dissipation
PD
SOT-23-3
230
mW
Operating Temperature
TA
-50 to 150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Maximum Junction Temperature
TJ (Max)
165
ºC
ESD (Human Body Model)
ESD
3500
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.5
24
V
Operating Temperature
TA
-40
125
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com