Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH921 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AH921
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH921 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AH921 Datasheet HTML 6Page - Diodes Incorporated AH921 Datasheet HTML 7Page - Diodes Incorporated AH921 Datasheet HTML 8Page - Diodes Incorporated AH921 Datasheet HTML 9Page - Diodes Incorporated AH921 Datasheet HTML 10Page - Diodes Incorporated AH921 Datasheet HTML 11Page - Diodes Incorporated AH921 Datasheet HTML 12Page - Diodes Incorporated AH921 Datasheet HTML 13Page - Diodes Incorporated AH921 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jul. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
10
Typical Performance Characteristics (Continued)
Figure 13. BOP/BRP/BHYS vs. VCC
Figure 14. BOP/BRP/BHYS vs. TA
0
5
10
15
20
25
0
20
40
60
80
100
120
140
160
180
I
OUT
(mA)
T
A
=25
oC
V
CC
=12V
Figure 15. VSAT vs. IOUT
Figure 16. VSAT vs. TA
4
8
12
16
20
24
-20
-10
0
10
20
30
40
50
V
CC
(V)
T
A
=25
oC
B
OP
B
RP
B
HYS
-25
0
25
50
75
100
125
-20
-10
0
10
20
30
40
T
A
(
oC)
V
CC
=12V
B
OP
B
RP
B
HYS
-25
0
25
50
75
100
125
100
120
140
160
180
200
220
240
T
A
(
oC)
V
CC
=5V
V
CC
=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com