Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200092 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AX200092
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200092 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AX200092 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 14Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.11
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Manager
Rack Components and Modules
Fiber
Express Manager Shelf
Fiber
Express modules are rack-mounted using FiberExpress Manager Shelves. The shelves provide the
total system with extra high connection density while facilitating cable routing and patch cord management.
For 19- or 23-inch rack: 19 in. shelf holds up to 12 modules; 23 in. shelf holds up to 16 modules.
Fiber
Express Manager 1U
The Fiber
Express Manager 1U Rack Mount Patch Panel is a low-cost, compact assembly designed
for interconnection or splicing of optical fiber cables, using up to three Fiber
Express Manager Modules.
The low-profile design minimizes rack space to only 45 mm (1.75 in.). An optional Fiber
Express
Manager 1U Cable Management Accessory is also available.
Fiber
Express Manager Connector Module
The Connector Module is the basic building block of the Fiber
Express Manager. It is designed with
a unique release mechanism that allows it to slide from the shelf like a PC card, easing management
of patch cords.
Fiber
Express Manager
Fiber
Express Manager
Shelf, 23 in., 10.9 kg (24 lb)
AX100934
AX100935
Shelf, 19 in., 8.2 kg (18 lb)
AX101084
AX101085
1U, Rack Mount Patch Panel, 19 in., 5 kg (11 lb)
AX101944
AX101943
1U, Cable Management Accessory, 19 in., 1 kg (2 lb)
AX102033
AX102032
Belden Part Number
Description
Gray
Black
ST Type
SC Simplex
SC Duplex
FC
LC
SC Duplex (ST in)
Belden Part Number
Fiber
Express Manager
Fiber
Express Manager Connector Module
Metal Sleeve, Multimode, 6 fibers
AX101089
AX101092
Zirconia Ceramic, Single-mode, 6 fibers
AX100936
AX100943
AX100944
Metal Sleeve, Multimode, 12 fibers
AX101187
AX101714
AX101120
AX101528
Zirconia Ceramic, Single-mode, 12 fibers
AX101186
AX101713
AX101119
AX101527
Zirconia Ceramic, Single-mode, 12 UPC pigtails
AX101715
Metal Sleeve, Multimode, 24 fibers
AX102306
Zirconia Ceramic, Single-mode, 24 fibers
AX102305
Zirconia Ceramic, Single-mode/Multimode, 6 fibers
AX100937
MPO(m)-ST type, 12 pre-terminated
AX101189
AX101190
AX101188
MPO(m)-SC Duplex, 12 pre-terminated
AX101091
AX101114
AX101090
MPO(m)-MT-RJ(m), 12 pre-terminated
AX101525
AX101526
AX101524
MPO(m)-LC, 12 pre-terminated
AX101530
AX101531
AX101529
MPO(m)-LC, 24 pre-terminated
AX102309
AX102308
AX102307
MT-RJ, Beige, Multimode, 12 fibers
AX101096
MT-RJ, Blue, Single-mode, 12 fibers
AX101581
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Description
Multimode 62.5 µm
Multimode 50 µm
Single-mode
—
AX100934 Fiber
Express Manager Shelf
AX101943 Fiber
Express Manager 1U Rack Mount
Patch Panel
AX102032 Fiber
Express Manager 1U Cable
Management Accessory
AX101525 Connector Module Pre-terminated
MPO-MT-RJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com