Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200092 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AX200092
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200092 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AX200092 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
COMMERCIAL
NETWORKING
OPT IC AL
FIBE R
16.4
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Connectors
Optimax® Field Installable Connectors and Installation Tool Kits
Optimax Field Installable Connector
The Optimax Connectors are reliable field installable optical fiber connectors that are easy to install.
They do not require epoxy, curing or polishing. Their unique design incorporates a factory polished
fiber stub in a splice mechanism which provides a fast, secure, and reliable termination on optical fiber
cables. All critical steps are performed in the factory, ensuring a superior-quality connection every time.
Only simple tools are required for installation, making Optimax a cost effective field termination.
Optimax Connectors are high-quality LC, SC and ST Compatible connectors that use a ceramic ferrule with
a physical contact (PC) polish for Multimode and super physical contact (SPC) polish for Single-mode
that ensures the best possible mating of optical fibers. Connectors are available for 62.5 or 50/125 µm
Multimode fiber and Single-mode fiber installations.
Optimax Installation Tool Kit
The Optimax Installation Tool Kit is packaged in a small convenient carrying case and includes an
Optimax LC, SC and ST Compatible installation and training video, installation instructions and all the
tools required to terminate 900 µm buffered optical fiber and jacketed optical fiber.
The Optimax Installation Tool Kit has all the tools and supplies required to install both the Optimax LC,
SC or ST Compatible Multimode and Single-mode connectors. Certain tool kit items can be purchased
separately to accommodate installers already possessing basic optical fiber installation tools.
Belden Part Number
Description
Fiber
Express Connectors
Optimax Field Installable Connector
LC 62.5 µm, Multimode*
AX101981
LC 50 µm, Multimode*
AX101982
LC Single-mode*
AX101983
SC 62.5 µm, Multimode*
AX100029
SC 50 µm, Multimode*
AX101077
SC Single-mode*
AX101792
ST Compatible 62.5 µm, Multimode*
A0408835
ST Compatible 50 µm, Multimode*
AX101075
ST Compatible Single-mode*
AX101791
LC Accessory Kit for jacketed fiber (2 mm boot and a crimp sleeve)
AX101984
SC Accessory Kit for jacketed fiber (3 mm boot, crimp sleeves, cord adapter)
AX101794
ST Accessory Kit for jacketed fiber (3 mm boot, crimp sleeves)
AX101793
Optimax Installation Tool Kit
LC/SC/ST Compatible
AX100947
(includes installation tools, fiber cleaver, crimping tool, instruction manual,
microscope, tweezers, alcohol wipes, marker, scissors, waste bottle,
fiber stripper, cable stripper and Training Video)
Basic (excludes fiber stripper & cleaver)
AX100949
Optimax LC Tool Kit Upgrade
AX102061
(includes LC installation tool, instructions manual, foam for the case)
Optimax Individual Components
Fiber Cleaver
A0408829
Installation Tool LC (does not include tool-clamp)
AX102062
Installation Tools ST Compatible and SC (includes tool-clamp)
A0403634
Microscope
AX100910
Refurbishing Materials (80 alcohol wipes and a black felt tip marker)
AX100951
Installation Instruction Manual, LC
AX102063
Installation Instruction Manual, SC
PX101318
Installation Instruction Manual, ST Compatible
PX101317
Installation & Training Video, CD (see literature ordering form on the web)
NOT0651
Crimp Tool complete with die
A0403641
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
*For 900 µm buffered fiber only. For Optimax Single-mode termination on jacketed fiber, please use the appropriate Accessory Kit.
AX101982 Optimax LC Connector
AX100029 with AX101794 Optimax SC Connector
A0408835 with AX101793 Optimax ST
Compatible Connector
AX100947 Optimax Tool Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com