Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200092 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AX200092
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200092 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AX200092 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
COMMERCIAL
NETWORKING
OPT IC AL
FIBE R
16.8
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Pre-Connectorized Assemblies
Fiber
Express Bar
Fiber
Express Bar
The Fiber
Express Bar consists of a custom length fiber cable with, at one end, a factory pre-terminated
rugged mini patch panel and, at the other end, a factory installed multi-fiber MPO connector. The very
compact fiber patch panel contains 6 or 12 factory-terminated and tested connectors in a variety of styles.
The ruggedness of the Fiber
Express Bar makes it an ideal candidate for disaster recovery, industrial
applications and other fiber deployment in harsh environment.
Fiber
Express Bar Accessories
The MPO Adapter is the sleeve that provides primary alignment and locking when connecting the two
MPO connectors (male to female). It has a flange and a metal clip for panel mounting and it is included
with each Fiber
Express Bar (1m with male connector).
The 19 in. Rack Mount Housing is a 1U metal panel that holds 1 Fiber
Express Bar. It has a live hinge on
the left-hand side and swings out giving access to the MPO connection and facilitate cable management
and slack storage when used with the Slack Storage Tray.
The Front Cover is a smoked Plexiglas cover that protects the fiber cords connected to the Fiber
Express
Bar. It has 2 push rivets for positive locking and easy handling.
The Slack Storage Tray attaches to the back of the 19 in. Rack Mount Housing to facilitate cable
management and slack storage. It has a storage capacity of 5 meters of 12-fiber ribbon cable.
The Wall Mount Enclosure can contain one Fiber
Express Bar.
It is made of heavy gauge steel and has a locking cover.
Fiber
Express Pre-Connectorized Assemblies
Fiber
Express Bar
12 ST type, MPO (m), 1 m
AX250001
AX250052
6 SC duplex, MPO (m), 12 fibers, 1 m
AX250005
AX250054
6 MT-RJ, MPO (m), 12 fibers, 1 m
AX250178
AX250179
12 LC, MPO (m), 1 m
AX250539
AX250540
12 ST type, MPO (m), 1 m
AX250459
AX250009
6 SC duplex , MPO (m), 12 fibers, 1 m
AX250460
AX250011
6 MT-RJ, MPO (m), 12 fibers, 1 m
AX250461
AX250180
12 LC, MPO (m), 1 m
AX250541
AX250542
Also available for 6 fibers, please contact Customer Service for more details.
Fiber
Express Bar Accessories
MPO Adapter (6 or 12 fibers)
MX100154
included with each Fiber
Express Bar (1 m - Male)
19 in. Rack Mount Housing for Fiber
Express Bar, Gray
AX100331
19 in. Rack Mount Housing for Fiber
Express Bar, Black
AX100330
Front Cover for Fiber
Express rack mount housing
AX100332
Slack Storage Tray for Fiber
Express Bar,
AX100329
(capacity: 5 meters) including top cover, Gray
Slack Storage Tray for Fiber
Express Bar,
AX100328
(capacity: 5 meters) including top cover, Black
Wall Mount Enclosure, can contain one bar, Black
AC200004
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Belden Part Number
Description
Multimode, FX300, 62.5 µm
Multimode, FX2000, 50 µm
Single-mode
Multimode, FX600, 50 µm
AX250001 Fiber
Express Bar 12ST
MX100154 Fiber
Express MPO Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com