Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200092 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AX200092
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200092 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AX200092 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX200092 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.9
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
K1, Red
K2, Green
K3, Yellow
K6, Blue
K5, Orange
K4, Black
Fiber
Express Secure/Keyed LC System
Optimax Field Installable Connectors and Patch Cords & Pigtails
Fiber
Express Secure/Keyed LC System
The Fiber
Express Secure/Keyed LC System allows for physical segregation of networks segments in
secure fiber cabling infrastructures. All Secure/Keyed LC products are available with 6 different keying
options each carrying a different color to facilitate network administration. The keying detail inside the
connector is totally tamper-resistant and cannot be re-produced inside a standard LC connector to violate
the network security. All products comply with the FOCIS 10 standard and optical performance exceeds
all industry standards for SFF connectors.
The Secure/Keyed LC Optimax field installable connectors are available in Multimode 50 µm laser-
optimized and 62.5 µm fiber versions. They are high-quality connectors that use a ceramic ferrule with
a physical contact (PC) polish for Multimode connectors.
The Secure/Keyed LC Patch Cords and Pigtails are offered in Multimode 62.5 µm (FX300), 50/125 µm
(FX600) and laser-optimized 50/125 µm (FX2000) for the most demanding network performance.
Belden Part Number
Fiber
Express Secure/Keyed LC System
Secure/Keyed LC Optimax*
Multimode 62.5 µm**
AX102203
AX102204
AX102205
AX102206
AX102207
AX102208
Multimode 50 µm**
AX102197
AX102198
AX102199
AX102200
AX102201
AX102202
**For 900 µm buffered fiber only. The same accessory kit (AX101984) is used for 2 mm jacketed cable connector termination as for our regular Optimax LC offering.
Secure/Keyed LC Duplex Patch Cord, KEYx-KEYx*
2 m (6 ft.), Multimode FX300, 62.5 µm
AX201365
AX201366
AX201367
AX201368
AX201369
AX201370
2 m (6 ft.), Multimode FX600, 50 µm
AX201383
AX201384
AX201385
AX201386
AX201387
AX201388
2 m (6 ft.), Multimode FX2000, 50 µm
AX201401
AX201402
AX201403
AX201404
AX201405
AX201406
3 m (10 ft.), Multimode FX300, 62.5 µm
AX201371
AX201372
AX201373
AX201374
AX201375
AX201376
3 m (10 ft.), Multimode FX600, 50 µm
AX201389
AX201390
AX201391
AX201392
AX201393
AX201394
3 m (10 ft.), Multimode FX2000, 50 µm
AX201407
AX201408
AX201409
AX201410
AX201411
AX201412
5 m (16 ft.), Multimode FX300, 62.5 µm
AX201377
AX201378
AX201379
AX201380
AX201381
AX201382
5 m (16 ft.), Multimode FX600, 50 µm
AX201395
AX201396
AX201397
AX201398
AX201399
AX201400
5 m (16 ft.), Multimode FX2000, 50 µm
AX201413
AX201414
AX201415
AX201416
AX201417
AX201418
Secure/Keyed LC Duplex Hybrid Patch Cord, KEYx-LCD*
2 m (6 ft.), Multimode FX300, 62.5 µm
AX201419
AX201420
AX201421
AX201422
AX201423
AX201424
2 m (6 ft.), Multimode FX600, 50 µm
AX201437
AX201438
AX201439
AX201440
AX201441
AX201442
2 m (6 ft.), Multimode FX2000, 50 µm
AX201455
AX201456
AX201457
AX201458
AX201459
AX201460
3 m (10 ft.), Multimode FX300, 62.5 µm
AX201425
AX201426
AX201427
AX201428
AX201429
AX201430
3 m (10 ft.), Multimode FX600, 50 µm
AX201443
AX201444
AX201445
AX201446
AX201447
AX201448
3 m (10 ft.), Multimode FX2000, 50 µm
AX201461
AX201462
AX201463
AX201464
AX201465
AX201466
5 m (16 ft.), Multimode FX300, 62.5 µm
AX201431
AX201432
AX201433
AX201434
AX201435
AX201436
5 m (16 ft.), Multimode FX600, 50 µm
AX201449
AX201450
AX201451
AX201452
AX201453
AX201454
5 m (16 ft.), Multimode FX2000, 50 µm
AX201467
AX201468
AX201469
AX201470
AX201471
AX201472
Secure/Keyed LC Duplex Hybrid Patch Cord, KEYx-SCD*
2 m (6 ft.), Multimode FX300, 62.5 µm
AX201473
AX201474
AX201475
AX201476
AX201477
AX201478
2 m (6 ft.), Multimode FX600, 50 µm
AX201491
AX201492
AX201493
AX201494
AX201495
AX201496
2 m (6 ft.), Multimode FX2000, 50 µm
AX201509
AX201510
AX201511
AX201512
AX201513
AX201514
3 m (10 ft.), Multimode FX300, 62.5 µm
AX201479
AX201480
AX201481
AX201482
AX201483
AX201484
3 m (10 ft.), Multimode FX600, 50 µm
AX201497
AX201498
AX201499
AX201500
AX201501
AX201502
3 m (10 ft.), Multimode FX2000, 50 µm
AX201515
AX201516
AX201517
AX201518
AX201519
AX201520
5 m (16 ft.), Multimode FX300, 62.5 µm
AX201485
AX201486
AX201487
AX201488
AX201489
AX201490
5 m (16 ft.), Multimode FX600, 50 µm
AX201503
AX201504
AX201505
AX201506
AX201507
AX201508
5 m (16 ft.), Multimode FX2000, 50 µm
AX201521
AX201522
AX201523
AX201524
AX201525
AX201526
Secure/Keyed LC Pigtail, KEYx-open*
2 m (6 ft.), Multimode FX300, 62.5 µm
AX201527
AX201528
AX201529
AX201530
AX201531
AX201532
2 m (6 ft.), Multimode FX600, 50 µm
AX201533
AX201534
AX201535
AX201536
AX201537
AX201538
2 m (6 ft.), Multimode FX2000, 50 µm
AX201539
AX201540
AX201541
AX201542
AX201543
AX201544
Other Patch Cord lengths and configurations may be available, please contact Customer Service for more details.
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.* Patent Pending.
Description
AX102197 Secure/Keyed LC Optimax
Secure/Keyed LC System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com