Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200096 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AX200096
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200096 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AX200096 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 14Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 15Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 16Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.13
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Patch Panels
Rack Mount Accessories and Wall Mount Patch Panels
Belden Part Number
Description
Fiber
Express Patch Panels
Rack Mount Accessories (1U and 2U)
127 mm (5 in.) Universal Offset Bracket Kit:
for 19 in. and 23 in. racks (1U), Black
AX101799
for 19 in. and 23 in. racks (1U), Gray
AX101800
for 19 in. and 23 in. racks (2U), Black
AX101797
for 19 in. and 23 in. racks (2U), Gray
AX101798
23 in. Universal extension bracket, Black
AX101801
23 in. Universal extension bracket, Gray
AX101802
Right side cable entry bracket (1U), Black
AX100046
Right side cable entry bracket (1U), Gray
AX100047
Right side cable entry bracket (2U), Black
AX100073
Right side cable entry bracket (2U), Gray
AX100074
Front Cover (1U), Smoked Plexiglass
AX100045
Fiber
Express Rack Mount Patch Panels 1U and 2U Accessories
The accessories provide additional panel mounting flexibility for racks, cabinets and cable entry.
Belden Part Number
Description
Fiber
Express Patch Panels
Wall Mount
Small, Gray
AX100496
Small, Black
AX100495
Medium, Gray
AX100541
Medium, Black
AX100540
Large, Gray
AX100543
Large, Black
AX100542
If optical Single-ended patch cords are to be spliced to the fiber cable, don’t forget to order Splice Organizer Trays or Kits in Fiber
Express
Accessories section. Universal Adapter Strips can be ordered in Fiber
Express Patch Panels section.
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Fiber
Express Wall Mount Patch Panel
The Fiber
Express Wall Mount Patch Panel Series is an economical solution for the protection of optical
fiber terminations and splices in hostile environments.
Using the Fiber
Express Universal Adapter Strips (ordered separately), the Wall Mount Patch Panels
allow for flexible and customized patch panel design. They are compatible with most industry standard
connections: ST Compatible, SC, 568SC, MT-RJ, LC and FC.
Available in gray and black, the Fiber
Express Wall Mount Patch Panels have an ergonomic design, rugged
construction and compact assemblies to effectively protect your optical fiber terminations and splices.
AX100495 Small Wall Mount
AX100541 Medium Wall Mount
AX100543 Large Wall Mount
AX101800 127 mm (5 in.) Universal Offset Bracket Kit,
for 19 in. and 23 in. Racks 1U
AX101802 23 in. Rack Universal Extension
Bracket for 1U and 2U
AX100047 Right Side Cable Entry Bracket for 1U
AX100045 Front Cover for 1U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com