Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200096 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AX200096
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200096 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AX200096 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.24
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Industrial Armored Cable
Tight Buffer — Riser & Plenum Rated
Ratings
Riser
UL Type
OFCR
cUL Type
OFC FT4
Flame Resistance
UL 1666
Plenum
UL Type
OFCP
cUL Type
OFC FT6
Flame Resistance
NFPA 262
Specifications
Temperature Range
Storage
-40 to +70°C
Operating
-20 to +70°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 3.0 N-m
Min. Bend Radius
Installation
20 x OD
Long Term
15 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Industrial environments
■ Rugged installations
■ Manufacturing plants
■ Mining operations
■ Telecommunications and data trunk
■ Inter- and intra-building installations
Product Description
Heavy duty construction with interlocking aluminum armor (steel
available on request) provides excellent mechanical protection from
cutting or crushing and eliminates need for innerduct. Rodent
resistant. Also available for outside plant. Loose tube design
available on request.
Jacket Material
Riser & Plenum
PVC
Buffer Tube
PVC
Strength Member
Aramid Yarn
Central Strength Member
E-Glass
Armor
Aluminum
Color Code (Buffer)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Single-mode
Yellow
62.5/125 µm
Orange
50/125 µm / 1 Gbe
Orange
50/125 µm / 10 Gbe
Aqua
Aramid Strength
Member
Color
Coded
Jacket
Specified Fiber
(Color Coded)
Inner Jacket
Central E-Glass
Strength Member
Outer Jacket
Bundles
of up to 12
Fibers Each
Aluminum
Armor
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
No. of
Fibers
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Industrial Armored Series
Riser (NEC/CEC OFCR/OFC FT4)
6
M9B230
M9A230
M9C230
M9W230
0.570
14.50
126
188
270
1201
12
M9B231
M9A231
M9C231
M9W231
0.620
15.70
149
222
300
1334
24
M9B232*
M9A232*
M9C232*
M9W232*
0.670
17.00
179
266
390
1735
24
M9B233
M9A233
M9C233
M9W233
0.845
21.46
263
391
600
2700
36
M9B234
M9A234
M9C234
M9W234
0.970
24.64
368
548
600
2700
48
M9B235
M9A235
M9C235
M9W235
0.970
24.64
368
548
600
2700
72
M9B236
M9A236
M9C236
M9W236
1.095
27.82
481
716
600
2700
96
M9B237
M9A237
M9C237
M9W237
1.245
31.62
625
930
600
2700
144
M9B238
M9A238
M9C238
M9W238
1.320
33.55
675
1005
600
2700
Plenum (NEC/CEC OFCP/OFC FT6)
6
M9B240
M9A240
M9C240
M9W240
0.471
12.00
87
129
270
1201
12
M9B241
M9A241
M9C241
M9W241
0.506
12.90
103
153
300
1334
24
M9B242*
M9A242*
M9C242*
M9W242*
0.631
16.00
151
225
390
1735
24
M9B243
M9A243
M9C243
M9W243
0.781
19.84
289
430
600
2700
36
M9B244
M9A244
M9C244
M9W244
0.881
22.38
309
460
600
2700
48
M9B245
M9A245
M9C245
M9W245
0.906
23.01
320
476
600
2700
72
M9B246
M9A246
M9C246
M9W246
1.056
26.82
451
671
600
2700
96
M9B247
M9A247
M9C247
M9W247
1.256
31.90
608
905
600
2700
144
M9B248
M9A248
M9C248
M9W248
1.331
33.81
687
1022
600
2700
*Single jacket design.
All optical fiber products can be supplied in compliance with RoHS regulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com