Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200096 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX200096
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200096 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX200096 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
COMMERCIAL
NETWORKING
OPT IC AL
FIBE R
16.2
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Introduction
Belden IBDN
Fiber
Express Systems
Optical fiber systems offer many benefits:
high bandwidth and transmission speed,
the potential for network growth, extended
reach, fault tolerance, greater data security
and support for Gigabit and multi-Gigabit
protocols and networked applications.
Beyond these traditional benefits, however,
Belden offers the Fiber
Express Solution,
a complete end-to-end cabling system
supporting both centralized and fiber-to-
the-desk topologies, as well as backbone
and campus cabling configurations. Our
Fiber
Express Solutions meet or exceed all
applicable TIA/EIA, ISO/IEC and IEEE
standards and offer:
Reduced design complexities
Greater deployment facility
Quick installation
Increased flexibility
Cost effective pricing
Primary Fiber
Express
System Components
Key components of the Fiber
Express
Systems are summarized below and are
found on the catalog pages that follow.
Optimax® Connectors
Optimax Connectors are a
revolutionary field-installable
optical fiber connector. The
unique design of the patented
mechanical splice body of
Optimax incorporates a factory
mounted fiber stub and a
pre-polished ceramic ferrule.
This technology consistently provides a
fast, secure and reliable LC, SC or ST
Compatible optical fiber termination for
multimode or single-mode cable. All critical
steps are performed in the factory, ensuring
a superior quality connection every time.
The FiberExpress Manager
The Fiber
Express Manager
makes fiber management
easier than ever before.
Designed to streamline
termination, connection
and maintenance
activities, the Fiber
Express
Manager uses a scalable,
modular approach to
adapt to a wide variety of
situations. The total system
provides extra high connection density
while facilitating cable routing and patch
cord management. The Fiber
Express
Manager is adaptable for almost all
situations, traditional field termination or
pre-terminated modules, which reduces
design complexity and increases
deployment efficiency.
Extended Reach
Optical Fiber Cables
Extended Reach Optical Fiber Cables
propel your network into the future
of cable technology with our
multimode Fiber
Express
FX300, FX600 or FX2000
series. These series were
developed to meet the
existing needs of networks at 1 Gb/s
(Ethernet, 1000Base-SX and 1000Base-LX)
and new networks at 10 Gb/s (Ethernet,
10GBase-S and 10GBase-LX4). These
series offer better reach for laser-based
systems. For 1 Gb/s Ethernet at 850 nm
(VCSEL), the FX300 and FX600 series
provide a range of 984 ft (300 m) and
1,968 ft (600 m), respectively. For 10 Gb/s
Ethernet at 850 nm (VCSEL), the FX2000
series provide a range of 984 ft (300 m) for
10GBase-S where all of multimode series
can offer a 984 ft (300 m) range at 1300 nm
(laser) for 10GBase-LX4. All of this while
assuring total compatibility with LED systems
and FDDI fiber installation cables. Our
single-mode cable offering enhances
the options for longer distance support —
up to 40 km — for any of the Gigabit
Ethernet applications.
The FiberExpress Bar
The Fiber
Express Bar is an
extremely compact, modular
and resilient linking panel.
Resembling a power bar,
it offers 6 or 12 fibers,
pre-terminated with an SC,
SC duplex, ST-compatible,
LC, MT-RJ or FC connectors
and a cord terminated with a multi-fiber
MPO connector — all of which are factory
verified. The Fiber
Express Bar can adapt to
all kinds of properties or developments,
and can serve as a consolidation or linking
point. It’s available in both single-mode and
multimode media.
For the ultimate in quick, easy and
reliable optical networking we also offer
the Fiber
Express Pre-connectorized
System. Based on the concept of building
blocks, the complete range of pre-terminated
Fiber
Express components bring flexibility to
the design stage. The in-factory fabrication
and verification of pre-terminated connections
ensures the high-performance and high-
quality of the product. These products are
“plug and go” and their deployment requires
no specialized tools — you can deploy
12 fibers in the same amount of time it
takes to connect a power cord to a standard
electrical plug. This pre-terminated
technology will help to preserve the initial
investment by its ability to be re-deployed
while always ensuring quality results.
Quality Installation and Service
All Belden IBDN systems are designed,
installed and field-tested by fully-trained
and certified system contractors and
integrators to further assure superior
systems performance. They are also
backed by a strict System Certification
and Warranty Program.
System Certification and
Warranty Program
The Belden IBDN Certification Program
is a rigorous process that ensures that
your Belden IBDN ‘Certified’ System is
composed of Belden IBDN components,
designed and installed by a factory-trained
Certified System Vendor. Belden IBDN
‘Certified’ Systems are supported by a
series of warranties that surpass conventional
product warranties. Certification adds
important end-to-end system performance
guarantees and ensures full compliance
with cabling industry standard specifications
— even after system installation (Installable
Performance®). A 25-year Product Warranty
and a Lifetime Application Assurance
program accompany each Belden IBDN
‘Certified’ System installation. These
warranty programs include coverage for
both parts and labor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com