Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX200096 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AX200096
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX200096 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AX200096 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 25Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 26Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 27Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 28Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 29Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 30Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 31Page - List of Unclassifed Manufacturers AX200096 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.28
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Single Jacket, All Dielectric Cable
Loose Tube — Indoor/Outdoor Plenum Rated
Ratings
Plenum
UL Type
OFNP
cUL Type
OFN FT6
Flame Resistance
NFPA 262
Specifications
Temperature Range
Storage
-40 to +80°C
Operating
-40 to +70°C
Installation
0 to +60°C
Crush Resistance (EIA-455-41)
2000 N/cm
Impact Resistance (EIA-455-25)
2000 Impacts @ 1.6 N-m
Cyclic Flexing (EIA-455-104)
2000 cycles, min.
Min. Bend Radius
Installation
20 x OD
Long Term
15 x OD
Optical Specifications
See page 10.2
Fiber Bundle Detail
Applications
■ Medium to high fiber count requirements
■ Inter-building duct installations
■ Lashed aerial
■ Indoor/outdoor
■ Campus backbones
■ Data Centers
■ High Density Cable Trays
Product Description
Dry waterblocking technology used within tubes and under jacket.
Available as Plenum rated cable, thereby eliminating the need for
service entrance splicing to in-building cable. Small diameter and bend
radius facilitate installation in tight spaces. Full dielectric construction,
no grounding required. Available with up to 144 fibers. Fibers grouped
into sets of 12 for maximum density. Length markings in meters for
easy determination of cable length.
Jacket Material
Non-unitized
PVC
Unitized
PVDF
Buffer Tube
PVC
Strength Member
E-Glass and Aramid Yarn
Central Strength Member
Upjacketed
Color Code (Buffer)
Per EIA/TIA 598-A,
see page 10.2
Jacket Color
Black
Aramid Strength
Member
Color
Coded
Jacket
Specified Fiber
(Color Coded)
Outer Jacket
Upjacketed
Central Strength
Member
Overall Tape
Barrier
Bundles of up to
12 Fibers Each
2 – 12 FIBERS
>12 – 144 FIBERS
Loose Tube Series
Plenum (NEC/CEC OFNP/OFN FT6)
66
M9B202
M9A202
M9C202
M9W202
0.265
6.70
33
49
320
1423
12
12
M9B204
M9A204
M9C204
M9W204
0.265
6.70
33
49
320
1423
24
12
M9B205
M9A205
M9C205
M9W205
0.359
9.12
47
70
405
1801
36
12
M9B206
M9A206
M9C206
M9W206
0.359
9.12
47
70
405
1801
48
12
M9B207
M9A207
M9C207
M9W207
0.359
9.12
48
71
405
1801
72
12
M9B209
M9A209
M9C209
M9W209
0.429
10.90
71
106
585
2602
96
12
M9B211
M9A211
M9C211
M9W211
0.501
12.73
105
156
903
4017
144
12
M9B215
M9A215
M9C215
M9W215
0.665
16.89
189
281
1263
5618
Alternative fiber counts and hybrid constructions are available.
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N
Fibers
Per
Tube
No.
of
Fibers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com