Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS-R Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS-R
Description  NPIS Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS-R Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS-R Datasheet HTML 1Page - NIC-Components Corp. NPIS-R Datasheet HTML 2Page - NIC-Components Corp. NPIS-R Datasheet HTML 3Page - NIC-Components Corp. NPIS-R Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS 16 R 102 K TR F
Termination Finish:
F = RoHS Compliant (100%Sn)
Packaging: TR = Tape & Reel
Inductance Tolerance Code: K=10%, L=15%M=±20%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier for values from 10
μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
NPIS__R Series
Part Number
STANDARD VALUES - CASE SIZE 16 (4.45 x 6.6 x 2.92mm)
Inductance Value
(μH)
SRF (Typical)
MHz
DC Resistance
(
Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPIS16R1R0MTRF
1.0±20%
250
0.040
3.0
100KHz
NPIS16R1R5MTRF
1.5±20%
125
0.045
2.3
NPIS16R2R2MTRF
2.2±20%
120
0.050
1.8
NPIS16R3R3MTRF
3.3±20%
120
0.055
1.6
NPIS16R4R7MTRF
4.7±20%
105
0.060
1.4
NPIS16R6R8MTRF
6.8±20%
50
0.065
1.2
NPIS16R100MTRF
10±20%
38
0.075
1.0
NPIS16R150MTRF
15±20%
33
0.090
0.80
NPIS16R220MTRF
22±20%
25
0.110
0.70
NPIS16R330MTRF
33±20%
20
0.190
0.60
NPIS16R470MTRF
47±20%
20
0.230
0.50
NPIS16R680MTRF
68±20%
15
0.290
0.40
NPIS16R101MTRF
100±20%
10
0.480
0.30
NPIS16R151MTRF
150±20%
9.0
0.590
0.26
NPIS16R221MTRF
220±20%
6.0
0.770
0.22
NPIS16R331MTRF
330±20%
5.0
1.40
0.20
NPIS16R471MTRF
470±20%
4.0
1.80
0.19
NPIS16R681MTRF
680±20%
3.0
2.20
0.16
NPIS16R102MTRF
1000±20%
2.0
3.40
0.15
NPIS16R152MTRF
1500±20%
2.0
4.20
0.12
NPIS16R222MTRF
2200±20%
2.0
8.50
0.10
NPIS16R332MTRF
3300±20%
1.0
11.0
0.08
NPIS16R472MTRF
4700±20%
1.0
13.9
0.06
NPIS16R682MTRF
6800±20%
1.0
25.0
0.04
NPIS16R103MTRF
10000±20%
0.8
32.8
0.02
NPIS Shielded Power Inductors
Maximum +30°C temperature rise at Irms. Typical -30% inductance change at Isat.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com