Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS-R Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIS-R
Description  NPIS Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS-R Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIS-R Datasheet HTML 1Page - NIC-Components Corp. NPIS-R Datasheet HTML 2Page - NIC-Components Corp. NPIS-R Datasheet HTML 3Page - NIC-Components Corp. NPIS-R Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__R Series
FEATURES
• SHIELDED POWER INDUCTOR
• HIGH CURRENT, SMALL SIZE (UP TO 7 AMPS)
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 10,000
μH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS
CHARACTERISTICS
Case Size
NPIS16R
NPIS31R
NPIS52R
Inductance Range
1 ~ 10000
μH
1.0 ~ 390
μH
10 ~ 1000
μH
Ambient Operating Temperature Range
-40°C ~ +125°C
Maximum Component Temperature
(Ambient + Self-Heating)
+155°C
+155°C
Temperatrue Rise at Irms
+30°C max.
+40°C max.
Inductance Change at Isat
-30% typical (NPIS16R), -10% typical (All Other Case Sizes)
Inductance Tolerance
20% (M), ±30% (Y)
Resistance to Solder Heat
260°C for 10 seconds
Series
A
B
C
D
E
F
G
H
I
NPIS16R
4.45 Max
6.6 Max
2.92 Max
1.02 ± 0.2
1.27 ± 0.2
4.32 ± 0.3
4.06
3.56
1.4
NPIS31R
10.0 ± 0.2
12.7 ± 0.2
5.0 ± 0.3
2.4 ± 0.2
2.2 ± 0.2
7.6 ± 0.3
7.3
2.8
3.0
NPIS52R
15.0 ± 0.3
18.4 ± 0.3
7.0 ± 0.5
2.4 ± 0.2
2.2 ± 0.2
13.3 ± 0.3
12.7
2.8
3.0
DIMENSIONS (mm)
G
I
H
LAND PATTERN
NPIS Shielded Power Inductors
A
B
C
D
E
F
A
B
C
D
E
F
NPIS16R
NPIS31R AND 52R
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NPIS-R

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
NPIS Shielded Power Inductors
NPIS-D NIC-NPIS-D Datasheet
139Kb / 14P
NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
NPIS Shielded Power Inductors
NPIS-F NIC-NPIS-F Datasheet
49Kb / 4P
NPIS Shielded Power Inductors
NPIS-H NIC-NPIS-H Datasheet
449Kb / 12P
NPIS Shielded Power Inductors
More results

Similar Description - NPIS-R

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com