Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS-R Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIS-R
Description  NPIS Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS-R Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIS-R Datasheet HTML 1Page - NIC-Components Corp. NPIS-R Datasheet HTML 2Page - NIC-Components Corp. NPIS-R Datasheet HTML 3Page - NIC-Components Corp. NPIS-R Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Part Number
STANDARD VALUES - CASE SIZE 31 (10.0 x 12.7 x 5.0mm)
Inductance Value
(μH)
SRF (Typical)
MHz
DC Resistance
(
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIS31R1R0YTRF
1.0 ± 30%
130
0.021
5.00
5.6
100KHz
NPIS31RIR5YTRF
1.5 ± 30%
110
0.022
4.50
5.2
NPIS31R2R2YTRF
2.2 ± 30%
90
0.027
3.10
5.0
NPIS31R3R0YTRF
3.0 ± 30%
65
0.030
2.90
3.9
NPIS31R4R7YTRF
4.7 ± 30%
50
0.040
2.50
3.2
NPIS31R6R8YTRF
6.8 ± 30%
30
0.055
2.20
2.8
NPIS31R100MTRF
10 ± 20%
28
0.065
2.00
2.4
NPIS31R120MTRF
12 ± 20%
25
0.080
1.80
2.2
NPIS31R150MTRF
15 ± 20%
20
0.085
1.70
2.0
NPIS31R180MTRF
18 ± 20%
19
0.090
1.60
1.8
NPIS31R220MTRF
22 ± 20%
18
0.100
1.40
1.6
NPIS31R270MTRF
27 ± 20%
16
0.120
1.30
1.5
NPIS31R330MTRF
33 ± 20%
14
0.160
1.20
1.4
NPIS31R390MTRF
39 ± 20%
12
0.180
1.05
1.2
NPIS31R470MTRF
47 ± 20%
11
0.190
1.00
1.0
NPIS31R560MTRF
56 ± 20%
10
0.210
0.90
0.95
NPIS31R680MTRF
68 ± 20%
9.0
0.340
0.82
0.90
NPIS31R820MTRF
82 ± 20%
8.0
0.380
0.75
0.85
NPIS31R101MTRF
100 ± 20%
7.5
0.420
0.68
0.80
NPIS31R121MTRF
120 ± 20%
7.0
0.460
0.60
0.70
NPIS31R151MTRF
150 ± 20%
6.3
0.520
0.55
0.60
NPIS31R181MTRF
180 ± 20%
5.5
0.700
0.50
0.65
NPIS31R221MTRF
220 ± 20%
5.0
0.800
0.45
0.50
NPIS31R271MTRF
270 ± 20%
4.5
1.10
0.40
0.45
NPIS31R331MTRF
330 ± 20%
4.0
1.20
0.35
0.40
NPIS31R391MTRF
390 ± 20%
3.3
1.40
0.33
0.35
Part Number
STANDARD VALUES - CASE SIZE 52 (15.0 x 18.4 x 7.0mm)
Inductance Value
(μH)
SRF (Typical)
MHz
DC Resistance
(
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIS52R100MTRF
10 ± 20%
20
0.030
4.00
7.0
100KHz
NPIS52R150MTRF
15 ± 20%
17
0.035
3.60
6.2
NPIS52R220MTRF
22 ± 20%
15
0.045
3.15
5.0
NPIS52R330MTRF
33 ± 20%
10
0.060
2.80
4.2
NPIS52R470MTRF
47 ± 20%
8.5
0.080
2.45
3.5
NPIS52R680MTRF
68 ± 20%
6.5
0.115
2.00
3.0
NPIS52R101MTRF
100 ± 20%
5.5
0.180
1.70
2.4
NPIS52R151MTRF
150 ± 20%
5.0
0.220
1.35
2.0
NPIS52R221MTRF
220 ± +0%
4.0
0.320
1.15
1.6
NPIS52R331MTRF
330 ± 20%
3.0
0.500
0.90
1.3
NPIS52R471MTRF
470 ± 20%
2.5
0.750
0.75
1.1
NPIS52R681MTRF
680 ± 20%
2.3
1.10
0.65
0.90
NPIS52R102MTRF
1000 ±20%
1.9
1.50
0.55
0.75
NPIS__R Series
NPIS Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com