Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS-R Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIS-R
Description  NPIS Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS-R Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIS-R Datasheet HTML 1Page - NIC-Components Corp. NPIS-R Datasheet HTML 2Page - NIC-Components Corp. NPIS-R Datasheet HTML 3Page - NIC-Components Corp. NPIS-R Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__R Series
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
24mm
24.5±0.1
100±1
13±0.5
330
32mm
32.5±0.1
Size
REEL QUANTITY PER CASE SIZE
NPIS16R
NPIS22R
NPIS30R
NPIS31R
NPIS52R
Quantity per reel
2500
1000
1000
500
250
Tape Width
16mm
24mm
24mm
24mm
32mm
Case Size
TAPE DIMENSIONS
Ao
Bo
Ko
Co
W
Po
NPIS16R
6.7
4.6
3.2
4.25
12.0
8.0
NPIS31R
13.2
9.5
5.4
10.25 24.0
12.0
NPIS52R
18.7
15.4
7.3
14.25 32.0
20.0
NPIS Shielded Power Inductors
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
0.5mm ± 0.05
1.75mm
±0.1
B
C
D
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com