Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3115AIJT Datasheet(PDF) 14 Page - STMicroelectronics

Part # STC3115AIJT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115AIJT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STC3115AIJT Datasheet HTML 10Page - STMicroelectronics STC3115AIJT Datasheet HTML 11Page - STMicroelectronics STC3115AIJT Datasheet HTML 12Page - STMicroelectronics STC3115AIJT Datasheet HTML 13Page - STMicroelectronics STC3115AIJT Datasheet HTML 14Page - STMicroelectronics STC3115AIJT Datasheet HTML 15Page - STMicroelectronics STC3115AIJT Datasheet HTML 16Page - STMicroelectronics STC3115AIJT Datasheet HTML 17Page - STMicroelectronics STC3115AIJT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Functional description
STC3115
14/31
DocID023755 Rev 4
6.2.2
Voltage gas gauge algorithm
No current sensing is needed for the voltage gas gauge. An internal algorithm precisely
simulates the dynamic behavior of the battery and provides an estimation of the OCV. The
battery SOC is related to the OCV by means of a high-precision reference OCV curve built
into the STC3115.
Any change in battery voltage causes the algorithm to track both the OCV and SOC values,
taking into account the non-linear characteristics and time constants related to the chemical
nature of the Li-Ion and Li-Po batteries.
A single parameter fits the algorithm to a specific battery. The default value provides good
results for most battery chemistries used in hand-held applications.
Figure 6. Voltage gas gauge block diagram
Voltage gas gauge algorithm registers
The REG_VM_CNF configuration register is used to configure the parameter used by the
algorithm based on battery characteristic. The default value is 321.
The REG_OCV register holds the estimated OCV value corresponding to the present
battery state.
The REG_OCVTAB registers are used to adjust the internal OCV table to a given battery
type.
The REG_VM_CNF register is a 12-bit integer value and is calculated from the averaged
internal resistance and nominal capacity of the battery as shown in Equation 2:
Equation 2
Ri is in mΩ and Cnom is in mAh.
Example: Ri = 190 mΩ, Cnom =1650 mAh, REG_VM_CNF = 321
Voltage mode
algorithm
OCV adjustment registers
Voltage register
VM configuration
To SOC
management
OCV value
(VM)
Reference
OCV
curve
AD
converter
VIN
REG_VM_CNF
Ri Cnom
×
977.78
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com