Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3115AIJT Datasheet(PDF) 30 Page - STMicroelectronics

Part # STC3115AIJT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115AIJT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STC3115AIJT Datasheet HTML 23Page - STMicroelectronics STC3115AIJT Datasheet HTML 24Page - STMicroelectronics STC3115AIJT Datasheet HTML 25Page - STMicroelectronics STC3115AIJT Datasheet HTML 26Page - STMicroelectronics STC3115AIJT Datasheet HTML 27Page - STMicroelectronics STC3115AIJT Datasheet HTML 28Page - STMicroelectronics STC3115AIJT Datasheet HTML 29Page - STMicroelectronics STC3115AIJT Datasheet HTML 30Page - STMicroelectronics STC3115AIJT Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
STC3115
30/31
DocID023755 Rev 4
10
Revision history
Table 17. Document revision history
Date
Revision
Changes
22-Nov-2012
1
Initial release
07-Feb-2013
2
Table 4: added “BATD” and “CD”
Section 6.4: removed option “RSTIO/BATD”
Section 6.5: added “BATD” and “CD”
Section 6.5.1: removed option 2 (BATD/CD is disabled) and 3 (BATD
and RSTIO); removed Figure: BATD and RSTIO - option 2, Figure:
BATD and RSTIO - option 3, and Figure: RSTIO/BATD pin
connection when used as battery detector - option 1 and 2; updated
text with respect to BATD/CD.
Removed Section: Register map (Device 0x13) - engineering
samples.
Updated Table 12
Removed Table: REG_MODE - address 0 (Device 0x13)
Removed Table: Internal default OCV table and OCV offset registers.
Removed Equation 3.
Replaced Figure 15: Flip Chip CSP 1.40 x 2.04 mm package
mechanical drawing.
Updated Table 15: Flip Chip CSP 1.4 x 2.04 mm package
mechanical data.
Updated Table 16: Order code
30-Oct-2013
3
Replaced silhouette
Updated Features
Updated Equation 1
Updated example of Equation 2
Updated disclaimer
28-Jan-2014
4
Corrected typographical error in document title.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com