Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3115AIJT Datasheet(PDF) 18 Page - STMicroelectronics

Part # STC3115AIJT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115AIJT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STC3115AIJT Datasheet HTML 14Page - STMicroelectronics STC3115AIJT Datasheet HTML 15Page - STMicroelectronics STC3115AIJT Datasheet HTML 16Page - STMicroelectronics STC3115AIJT Datasheet HTML 17Page - STMicroelectronics STC3115AIJT Datasheet HTML 18Page - STMicroelectronics STC3115AIJT Datasheet HTML 19Page - STMicroelectronics STC3115AIJT Datasheet HTML 20Page - STMicroelectronics STC3115AIJT Datasheet HTML 21Page - STMicroelectronics STC3115AIJT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Functional description
STC3115
18/31
DocID023755 Rev 4
6.5
Improving accuracy of the initial OCV measurement with the
advanced functions of BATD/CD and RSTIO/BATD pins
The advanced functions of the BATD/CD and RSTIO/BATD pins provide a way to ensure
that the OCV measurement at power-up is not affected by the application startup or by the
charger operation. This occurs as follows:
The BATD/CD pin is driven high to VCC voltage which inhibits the charge function
(assuming that the BATD/CD signal is connected to disable input of the charger circuit).
The RSTIO/BATD pin senses the system reset state and if the system reset is active
(that is RSTIO/BATD is low), the RSTIO/BATD is kept low until the end of the OCV
measurement.
Figure 10 describes the BATD/CD and RSTIO/BATD operation at power-up. Please refer to
the block diagram of Figure 11 for the RSTI, RSTO, BATD_comp_out, and
BATD_drive_high signals.
At the end of the OCV measurement, the BATD/CD and RSTIO/BATD pin are released
(high impedance), the application can start and the charger is enabled.
Figure 10. BATD and RSTIO timing diagram at power-up
6.5.1
BATD and RSTIO pins
The STC3115 provides platform synchronization signals to provide reliable SOC information
in different cases.
The BATD/CD pin senses the presence of the battery independently of the battery voltage
and it controls the battery charger to inhibit the charge during the initial OCV measurement.
The RSTIO/BATD pin can be used to delay the platform startup during the first OCV
measurement at battery insertion.
VCC
UVLO
BATD_comp_out
RSTI
POR
Voltage
measurement
1.61V
delay
RST0
Voltage
register
SOC register
BATD_drive_high
OCV
meas.
Application can start,
charge is enabled
SOC
calc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com