Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3115AIJT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC3115AIJT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115AIJT Datasheet(HTML) 1 Page - STMicroelectronics

  STC3115AIJT Datasheet HTML 1Page - STMicroelectronics STC3115AIJT Datasheet HTML 2Page - STMicroelectronics STC3115AIJT Datasheet HTML 3Page - STMicroelectronics STC3115AIJT Datasheet HTML 4Page - STMicroelectronics STC3115AIJT Datasheet HTML 5Page - STMicroelectronics STC3115AIJT Datasheet HTML 6Page - STMicroelectronics STC3115AIJT Datasheet HTML 7Page - STMicroelectronics STC3115AIJT Datasheet HTML 8Page - STMicroelectronics STC3115AIJT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
January 2014
DocID023755 Rev 4
1/31
STC3115
Gas gauge IC with alarm output for handheld applications
Datasheet
- production data
Features
• OptimGaugeTM algorithm
• 0.25% accuracy battery voltage monitoring
• Coulomb counter and voltage-mode gas gauge
operations
• Robust initial open-circuit-voltage (OCV)
measurement at power up with debounce
delay
• Low battery level alarm output with
programmable thresholds
• Internal temperature sensor
• Battery swap detection
• Low power: 45 µA in power-saving mode, 2 µA
max in standby mode
• 1.4 x 2.0 mm 10-bump CSP package
Applications
• Mobile phones, multimedia players, digital
cameras
• Portable medical equipment
Description
The STC3115 includes the hardware functions
required to implement a low-cost gas gauge for
battery monitoring. The STC3115 uses current
sensing, Coulomb counting and accurate
measurements of the battery voltage to estimate
the state-of-charge (SOC) of the battery. An
internal temperature sensor simplifies
implementation of temperature compensation.
An alarm output signals a low SOC condition and
can also indicate low battery voltage. The alarm
threshold levels are programmable.
The STC3115 offers advanced features to ensure
high performance gas gauging in all application
conditions.
CSP (1.4 x 2.0 mm)
www.st.com


Similar Part No. - STC3115AIJT

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STC3116E SAMHOP-STC3116E Datasheet
97Kb / 7P
Super high dense cell design for low RDS(ON).
logo
STMicroelectronics
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
Gas gauge IC with battery charger control for handheld applications
19-Jan-2015
STC3117IJT STMICROELECTRONICS-STC3117IJT Datasheet
839Kb / 34P
Gas gauge IC with battery charger control for handheld applications
19-Jan-2015
More results

Similar Description - STC3115AIJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
Gas Gauge IC
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ26501 TI-BQ26501 Datasheet
340Kb / 27P
SINGLE CELL LIION AND LIPOL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
logo
STMicroelectronics
STEVAL-ISB013V1 STMICROELECTRONICS-STEVAL-ISB013V1 Datasheet
77Kb / 4P
Battery monitor demonstration board with alarm output for gas gauge applications based on the STC3105
14-Nov-2011
logo
Texas Instruments
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
logo
STMicroelectronics
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
UM1054 STMICROELECTRONICS-UM1054 Datasheet
310Kb / 10P
STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
05-Dec-2011
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
Gas gauge IC with battery charger control for handheld applications
19-Jan-2015
logo
Texas Instruments
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com