Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBQFN24 Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # HBQFN24
Description  TRIPLE 155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HBQFN24 Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  HBQFN24 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
iC-HB
TRIPLE 155 MHz LASER SWITCH
Rev A4, Page 5/8
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.5...5.5 V, VTTL = 3.15...5.5 V, Tj = -25...125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
118
Vt(EPx)hi
Input Threshold Voltage hi at
EP1, EP2, EPB
TTL = hi, ENx = open
2
V
119
Vt(EPx)lo
Input Threshold Voltage low at
EP1, EP2, EPB
TTL = hi, ENx = open
0.8
120
Vhys(EPx) Hysteresis
20
mV
121
Vt(CIx)
Threshold Voltage at CI1, CI2,
CIB
I(LDKx) < 5 mA
0.9
1.4
V
122
CR()
Current Matching Chan-
nel1 / Channel2
V(CI1) = V(CI2) = 0...VDD, I(LDKx) =
30...300 mA
0.9
1.1
123
I(NER)
Current in NER
Tj > Toff, V(NER) > 0.6 V
1
20
mA
124
Vsat(NER) Saturation Voltage at NER
Tj > Toff, I(NER) = 1 mA
600
mV
125
Vs(SYNx)hi Saturation Voltage hi at SYN1,
SYN2, SYNB
Vs(SYNx)hi = VDD − V(SYNx), I() = -1 mA,
V(EPx) < V(ENx)
0.4
V
126
Vs(SYNx)lo Saturation Voltage lo at SYN1,
SYN2, SYNB
I() = 1 mA, V(EPx) > V(ENx)
0.4
V
127
Isc(SYNx)hi Short-Circuit Current hi at SYN1,
SYN2, SYNB
V(EPx) < V(ENx), V(SYNx) = 0 V, VTTL = 3.3 V
-20
-3
mA
128
Isc(SYNx)lo Short-Circuit Current lo at SYN1,
SYN2, SYNB
V(EPx) > V(ENx), V(SYNx) = VTTL,
VTTL = 3.3 V
3
20
mA
ELECTRICAL CHARACTERISTICS DIAGRAMS
I(LDK)
t
Iop
10 % I op
90 % I op
t r
t f
Figure 1: Laser current pulse in LDK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com