Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBQFN24 Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # HBQFN24
Description  TRIPLE 155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HBQFN24 Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  HBQFN24 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
iC-HB
TRIPLE 155 MHz LASER SWITCH
Rev A4, Page 6/8
CURRENT CONTROL
The voltage at pins CI1/2/B sets the current in pins
LDK1/2/B. Figures 2 and 3 show the temperature de-
pendency of the current in a single LDKx output versus
the voltage at CIx for a typical device. Figures 4 and
5 show the min., typ. and max. variations between de-
vices at 27 °C temperature.
Figure 2: I(LDK1/2) vs. V(CI1/2) at VDD = 5 V
Figure 3: I(LDK1/2) vs. V(CI1/2) at VDD = 3.3 V
Figure 4: I(LDKx) vs. V(CIx) at VDD = 5 V
Figure 5: I(LDKx) vs. V(CIx) at VDD = 3.3 V
DEMO BOARD
iC-HB comes with a demo board for test purpose. Figures 6 and 7 show both the schematic and the component
side of the demo board.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com