Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBQFN24 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # HBQFN24
Description  TRIPLE 155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HBQFN24 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  HBQFN24 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
iC-HB
TRIPLE 155 MHz LASER SWITCH
Rev A4, Page 1/8
FEATURES
o Laser switch for frequencies from CW up to 155 MHz
o Spike-free switching of the laser currents
o Three channels with independent current control at pins CIx
o Operates as a voltage-controlled current sink
o LVDS/TTL switching inputs with TTL monitor outputs
o Pulsed operation with up to 300 mA per channel
o CW operation with up to 65 mA per channel
o Laser current monitor output
o Thermal shutdown with open drain error output
o Protective ESD circuitry
APPLICATIONS
o Laser printers
o Data transmission
o Laser scanning devices
PACKAGES
QFN24
4 mm x 4 mm
BLOCK DIAGRAM
LVDS/TTL
LVDS/TTL
1k
1k
iC−HB
1k
LVDS/TTL
OVERTEMP
SHUTDOWN
IK1
IKB
IK2
CIB
CI2
CI1
LDK2
AGND2
AGND1
IMON
LDK1
AGNDB
LDKB
NER
GND
VDD VTTL
SYNB
EN2
EP2
SYN1
EN1
EP1
TTL
SYN2
EPB
ENB
Copyright © 2013 iC-Haus
http://www.ichaus.com


Similar Description - HBQFN24

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA155E1 TAI-SAW-TA155E1 Datasheet
198Kb / 4P
SAW Filter 155MHz
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
TRIPLE 155MHz LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
3A LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
TRIPLE 155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
155MHz LASER SWITCH
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
155MHz LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com