Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBQFN24 Datasheet(PDF) 7 Page - Roithner LaserTechnik GmbH

Part # HBQFN24
Description  TRIPLE 155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HBQFN24 Datasheet(HTML) 7 Page - Roithner LaserTechnik GmbH

  HBQFN24 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HBQFN24 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
iC-HB
TRIPLE 155 MHz LASER SWITCH
Rev A4, Page 7/8
C31
RC
VDD
A
R4
J2
VTTL
J2
CI2
SYNB
NER
SYN1
MDA
C12
1k
CIB
NER
4.7uF
4
J2
LVDS/TTL
J2
J1
C2
1uF
GND1
R6
10
VTTL
EN2
3
A
A
J2
EPB
EPB
SYN2
NER
MDA
R7
VDD
IMON
R2
EN2
R3
EP2
NER
EN1
J1
J1
C5
EN1
J1
A
J1
1uF
2
EP1
GND
VDD
16
LDK1
5
R21
4.7uF
A
R33
J2
A
IMON
A
100nF
iC-HB
C6
23
7
1
J1
17
C7
15
A
J2
C5
12
1uF
C14
A
R33
13
J2
MDA
GND
A
C15
CI2
X1
R31
IK2
J1
EN1
ENB
J1
IMON
J1
7
1uF
C7
EPB
1uF
CIB
J1
C17
C31
J1
ENB
A
8
18
OVERTEMP
R32
CI1
A
A
1k
A
C16
C10
EP1
EN1
EP1
R13
J2
GND2
A
22
C9
A
IK3
C9
1
EP2
A
EP2
C11
C10
A
A
LDK
19
GND4
AGNDB
1uF
VTTL
9
GND
J1
J1
J1
19
9
SYN2
R11
3
R4
12
R23
GND4
R3
ENB
4
15
18
C14
C8
J1
SYN1
R5
J2
3
C11
J1
C1
LDC
MDA
R1
5
20
2
SYN2
J1
LDKB
4.7uF
11
J1
J1
SYNB
7
A
SUB
C3
17
CI1
J1
J1
D1
2
J1
A
J1
J1
R12
CIB
R2
C16
14
SYN1
4.7uF
LDK2
GND3
J1
C4
A
J1
3
R22
J1
8
J1
16
NER
R6
R21
9
1
A
CI2
2
LDA
EN2
13
1
EPAD
A
J1
J1
SYN1
14
JP1
X1
A
A
C13
J1
J2
R31
D1
AGND2
JP1
CIB
A
100nF
GND1
J2
A
EN2
J2
C1
C21
J1
C17
CI1
A
SYN2
CIB_1
CI2_1
J1
EP1
6
C2
R1
R32
A
CI1_1
1k
CI2
C4
C21
J1
J2
IMON
C13
ENB
R23
R13
J2
J1
R11
J1
J2
GND3
iC-HB
C6
C8
LVDS/TTL
R5
J1
5
J2
A
iC-HB
C12
R7
4
A
A
A
A
3
2
J2
SHUTDOWN
11
J2
TTL 21
100nF
R12
SYNB
VDD
A
TTL
J2
VDD
C15
IK1
AGND1
JP2
A
J1
A
C3
10
J1
R22
6
EP2
A
1
A
A
A
J1
VTTL
NER
JP2
8
A
LVDS/TTL
6
EPB
1uF
A
SYNB
24
CI1
10
100nF
GND2
VDD
20
1uF
1uF
1uF
Figure 6: Schematic of the demo board
Figure 7: Demo board (component side)
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com