Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3104EV2 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXGD3104EV2
Description  The purpose of this board is to demonstrate the driving of a synchronous MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104EV2 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXGD3104EV2 Datasheet HTML 1Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXGD3104EV2
Issue 1 – October, 2011
www.diodes.com
© Diodes Incorporated 2011
5
Board schematic
Figure 6 shows the circuit schematic of ZXGD3104EV2. Power for the controller is applied to the
terminal block P1. A three way header, P2 is located at the other end of the board. The header allows
the board to be soldered directly across a synchronous MOSFET in a TO220 package. The board can
also be used with an SMD MOSFET by connecting the pin-outs accordingly.
The evaluation board is designed to accept a supply voltage of 19V, which is the typical output
voltage of a laptop power adaptor. If the power supply’s output voltage is required to be greater than
25V, a voltage regulator should be used to step down the high voltage to 19V before connecting to the
evaluation board. The values of the threshold setting resistors, Rref and Rbias, are chosen for
Vcc=19V. Please refer to the ZXGD3105N8 datasheet for more information.
DZ is an optional Zener diode connected to the BIAS pin of the controller to limit the maximum gate
voltage to 12V. DZ is recommended when the controller is used to drive a high-gate-charge
synchronous MOSFET or/and at high switching frequency. This configuration reduces the gate-charge
switching loss.
Figure 6: Circuit diagram
Please note that the component part numbers are given as a guide only. Due to continual component
development, all parts quoted should be checked for suitability and availability with their respective
manufacturers.
Table 1: Part list
Ref.
Value
Package
Part number
Manufacturer
Notes
U1
25V VCC max
synchronous controller
SO8
ZXGD3104N8
Diodes Inc.
DZ
12V Zener
SOT23
BZX84C12
Diodes Inc.
C1
1uF 50V capacitor
1206
C1206X105K5R
Kemet
X7R
P1
2-way terminal
generic
P2
3-way header
generic
Rbias
6k2 resistor
1206
Generic
1%, 200ppm/ºC
Rgate
0R resistor
1206
Generic
5%, 200ppm/ºC
Rref
8k2 resistor
1206
Generic
1%, 200ppm/ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com