Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3104EV2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3104EV2
Description  The purpose of this board is to demonstrate the driving of a synchronous MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104EV2 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3104EV2 Datasheet HTML 1Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 – October, 2011
www.diodes.com
© Diodes Incorporated, 2011
ZXGD3104EV2 USER GUIDE
Introduction
The purpose of this board is to demonstrate the driving of a synchronous MOSFET as a Schottky
replacement in isolated power supplies. The circuit is suitable for use in AC/DC Flyback converters.
End applications include external power adaptors for laptops greater than 90W, and LED monitors.
When used to drive a low on-resistance MOSFET, the board increases power efficiency whilst still
maintaining simplicity of design.
Performance
•
Recommended supply voltage VIN: 19V
•
Gate voltage clamped to 12V maximum
•
Ideal for Quasi Resonant operation
•
Switching frequency up to 250KHz
Ordering Information
Order Number
ZXGD3104EV2
Caution: Do not connect the evaluation board to a
supply voltage, VIN, greater than 25V!
Figure 1. Evaluation board layout


Similar Part No. - ZXGD3104EV2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3104 DIODES-ZXGD3104 Datasheet
728Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Rev erse
ZXGD3104N8 DIODES-ZXGD3104N8 Datasheet
728Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Rev erse
ZXGD3104N8TC DIODES-ZXGD3104N8TC Datasheet
728Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Rev erse
ZXGD3104N8 DIODES-ZXGD3104N8_15 Datasheet
728Kb / 13P
SYNCHRONOUS MOSFET CONTROLLER IN SO8
Rev erse
More results

Similar Description - ZXGD3104EV2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101EV2 DIODES-ZXGD3101EV2 Datasheet
302Kb / 8P
The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET
DECEMBER 2009
logo
STMicroelectronics
AN4233 STMICROELECTRONICS-AN4233 Datasheet
245Kb / 12P
The purpose of this document is to provide a methodology
16-Jan-2013
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
The purpose of this document is to describe
03-Jun-2013
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
02-May-2012
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
The purpose of this application note is to explain the design
19-Apr-2011
AN302 STMICROELECTRONICS-AN302 Datasheet
143Kb / 10P
The purpose of this note is to familiarize
10-Mar-2008
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
The purpose of this note is to familiarize
24-Apr-2009
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
The purpose of this application note is to give a presentation
02-Sep-2014
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com