Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3104EV2 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXGD3104EV2
Description  The purpose of this board is to demonstrate the driving of a synchronous MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104EV2 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXGD3104EV2 Datasheet HTML 1Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXGD3104EV2
Issue 1 – October, 2011
www.diodes.com
© Diodes Incorporated 2011
4
Waveform and efficiency measurements
The operating waveforms of the controller can be measured using oscilloscope probes. If a current
probe or transformer is also used to measure the MOSFET current, the wire length should be kept
short to avoid excessive loop-inductance which could disturb the controller operation.
Figure 4 shows the operating waveforms in the Flyback converter inside a 19V 90W output power
adaptor. The power adaptor also incorporates a boost power factor correction stage to comply with
IEC61000-3-2.
The controller senses the forward voltage drop of the parasitic diode within the MOSFET, and when
the diode is in conduction, applies a voltage to the MOSFET gate, turning on the MOSFET after an
initial delay time. The gate output voltage of the controller is then proportional to the sensed voltage.
In QR mode, the gate voltage is reduced as the MOSFET’s Drain current decreases. This ensures
that the MOSFET is turned off at the zero current point, with little or no reverse current. Another
advantage is that this technique prevents early termination of the gate voltage at low Drain current.
Early termination of gate voltage can reduce the efficiency due to body-diode conduction loss.
Figure 5 shows that 90% efficiency can be achieved in the 90W adaptor when using the evaluation
board to drive a 10m
100V synchronous MOSFET.
Figure 4: Operating waveforms in QR mode with a 10m
100V synchronous MOSFET
Figure 5: Efficiency measurement in a 19V 90W power adaptor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com