Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3104EV2 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3104EV2
Description  The purpose of this board is to demonstrate the driving of a synchronous MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104EV2 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3104EV2 Datasheet HTML 1Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXGD3104EV2
Issue 1 – October, 2011
www.diodes.com
© Diodes Incorporated 2011
3
Conditioning the power supply to maximize efficiency
Any stray inductance in the load current path may cause distortion of the drain-to-source voltage
waveform, leading to premature turn-off of the synchronous MOSFET. In order to avoid this issue,
drain voltage sensing should be done as physically close to the drain terminals as possible. The PCB
track length between the Drain pin and the MOSFET’s terminal should be kept to less than 10mm.
MOSFET packages with a low internal wire-bond inductance are preferred for high switching
frequency power conversion, to minimize body-diode conduction.
After the primary MOSFET turns off, its drain voltage oscillates due to the reverse recovery of the
snubber diode. These high frequency oscillations are reflected into the transformer secondary winding
and the drain terminal of the synchronous MOSFET. The synchronous IC senses the drain voltage
ringing, causing its gate output voltage to oscillate. The synchronous MOSFET cannot be fully
enhanced until the drain voltage stabilizes.
In order to prevent this issue, the oscillations on the primary MOSFET can be damped with either a
series resistor Rd to the snubber diode Dsnub, or an R-C network across Dsnub as shown in Figure
3. Both methods reduce the oscillations by softening the snubber diode’s reverse recovery
characteristic.
Figure 3: Techniques to prevent/reduce gate voltage oscillations



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com