Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P302 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P302
Description  0.4 Amp Output Current IGBT Gate Driver Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P302 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P302 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ACPL-P302/W302
0.4 Amp Output Current IGBT Gate Driver Optocouplers
Data Sheet
Description
The ACPL-P302/W302 consists of a GaAsP LED optically
coupled to an integrated circuit with a power output
stage. These optocouplers are ideally suited for driving
power IGBTs and MOSFETs used in motor control invert-
er applications. The high operating voltage range of the
output stage provides the drive voltages required by gate
controlled devices. The voltage and current supplied by
this optocoupler makes it ideally suited for directly driving
small or medium power IGBTs.
Applications
x Isolated IGBT/Power MOSFET gate drive
x AC and brushless DC motor drives
x Industrial inverters
x Inverter for home appliances
x Induction cooker
x Switching Power Supplies (SPS)
Functional Diagram
Features
x High speed response.
x Ultra high CMR.
x Bootstrappable supply current.
x Available in Stretched SO-6 package
x Package Clearance/Creepage at 8mm (ACPL-W302)
x Safety Approval:
UL1577 recognized with 3750 Vrms for 1 minute for
ACPL-P302 and 5000 Vrms for 1 minute for ACPL-
W302.
CSA Approved.
IEC/EN/DIN EN 60747-5-2 Approved
VIORM = 891 Vpeak for ACPL-P302
VIORM = 1140 Vpeak for ACPL-W302
Specifications
x 0.4 A maximum peak output current.
x 0.2 A minimum peak output current.
x 0.7 μs maximum propagation delay over temperature
range.
x ICC(max) = 3 mA maximum supply current.
x 10 kV/μs minimum common mode rejection (CMR) at
VCM = 1000 V.
x Wide VCC operating range: 10 V to 30 V over tempera-
ture range.
x Wide operating temperature range: –40°C to 100°C.
Note: A 0.1 μF bypass
apacitor must be connected
between pins VCC and VEE.
6
1
5
2
4
3
ANODE
N.C.
CATHODE
VCC
VO
VEE
SHIELD
Truth Table
LED
VO
OFF
LOW
ON
HIGH
CAUTION: IT IS ADVISED THAT NORMAL STATIC PRECAUTIONS BE TAKEN IN HANDLING AND ASSEMBLY
OF THIS COMPONENT TO PREVENT DAMAGE AND/OR DEGRADATION WHICH MAY BE INDUCED BY ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - ACPL-P302

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P302 BOARDCOM-ACPL-P302 Datasheet
664Kb / 15P
0.4-Amp Output Current IGBT Gate Driver Optocouplers
More results

Similar Description - ACPL-P302

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
ACPL-P302 BOARDCOM-ACPL-P302 Datasheet
664Kb / 15P
0.4-Amp Output Current IGBT Gate Driver Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com