Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P302 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P302
Description  0.4 Amp Output Current IGBT Gate Driver Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P302 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P302 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Package Outline Drawings
ACPL-P302 Stretched SO-6 Package
ACPL-W302 Stretched SO-6 Package
1.590
±0.127
[0.063
±0.005]
6.81
[0.268]
7°
7°
0.45
[0.018]
9.7±0.250
[0.382
±0.010]
7.62
[0.300]
0.20±0.10
[0.008
±0.004]
1
±0.250
[0.040
±0.010]
0.254
±0.050
[0.010
±0.002]
45°
5° NOM.
0.381
±0.127
[0.015±0.005]
4.580
+0.254
0
0.180
+0.010
-0.000
7°
7°
3.180
±0.127
[0.125
±0.005]
2.16
[0.085]
0.76
[0.030]
1.27
[0.050]
Floating Lead Protusions max. 0.25 [0.01]
Dimensions in Millimeters [ Inches ]
Lead Coplanarity= 0.1mm [0.004 Inches ]
1.27 BSG
[0.050]
10.7
[0.421]
1.270
[0.050]
11.500±0.25
[0.453±0.010]
6.807
+0.127
0
0.268
+0.005
-0.000
1.590±0.127
[0.063±0.005]
0.20±0.10
[0.008±0.004]
0.750±0.250
[0.0295±0.010]
45°
0.45
[0.018]
0.254±0.050
[0.010±0.002]
7.62
[0.300]
7°
35° NOM.
7°
4.580
+0.254
0
0.180
+0.010
-0.000
0.381 ± 0.127
[0.015 ± 0.005]
1.27 BSG
[0.050]
1
2
3
4
5
6
3.180±0.127
0.125±0.005
7°
7°
12.650
[0.498]
0.760
[0.030]
1.905
[0.075]
Floating Lead protusion max. 0.25[0.01]
Dimensions in millimeters [Inches]
Lead Coplanarity=0.1mm [0.004 Inches]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com