Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P302 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P302
Description  0.4 Amp Output Current IGBT Gate Driver Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P302 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P302 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Table 2. Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-P302
ACPL-W302
Units
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
7.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External Tracking
(External Creepage)
L(102)
8.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Minimum Internal Tracking
(Internal Creepage)
NA
NA
mm
Measured from input terminals to output
terminals, along internal cavity.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current
(<1 μs pulse width, 300pps)
IF(TRAN)
1.0
A
Reverse Input Voltage
VR
5V
“High” Peak Output Current
IOH(PEAK)
0.4
A
2
“Low” Peak Output Current
IOL(PEAK)
0.4
A
2
Supply Voltage
VCC - VEE
-0.5
35
V
Output Voltage
VO(PEAK)
-0.5
VCC
V
Output Power Dissipation
PO
250
mW
3
Input Power Dissipation
PI
45
mW
4
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Table 4.Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Power Supply
VCC - VEE
10
30
V
Input Current (ON)
IF(ON)
712
mA
Input Voltage (OFF)
VF(OFF)
- 3.6
0.8
V
Operating Temperature
TA
- 40
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com