Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P302 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P302
Description  0.4 Amp Output Current IGBT Gate Driver Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P302 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P302 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-P302 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Dead Time and Propagation Delay Specifications
The ACPL-P302/W302 includes a Propagation Delay Dif-
ference (PDD) specification intended to help designers
minimize “dead time” in their power inverter designs.
Dead time is the time high and low side power transistors
are off. Any overlap in Ql and Q2 conduction will result in
large currents flowing through the power devices from
the high voltage to the low-voltage motor rails. To mini-
mize dead time in a given design, the turn on of LED2
should be delayed (relative to the turn off of LED1) so that
under worst-case conditions, transistor Q1 has just turned
off when transistor Q2 turns on, as shown in Figure 24.
The amount of delay necessary to achieve this condition
is equal to the maximum value of the propagation delay
difference specification, PDD max, which is specified to be
500 ns over the operating temperature range of -40° to
100°C.
Figure 24. Minimum LED Skew for Zero Dead Time.
Figure 25. Waveforms for Dead Time.
Delaying the LED signal by the maximum propagation
delay difference ensures that the minimum dead time is
zero, but it does not tell a designer what the maximum
dead time will be. The maximum dead time is equivalent
to the difference between the maximum and minimum
propagation delay difference specification as shown in
Figure 25. The maximum dead time for the ACPL-P302/
W302 is 1 μs (= 0.5 μs - (-0.5 μs)) over the operating tem-
perature range of –40°C to 100°C.
Note that the propagation delays used to calculate PDD
and dead time are taken at equal temperatures and test
conditions since the optocouplers under consideration
are typically mounted in close proximity to each other and
are switching identical IGBTs.
tPHL MAX
tPLH MIN
PDD* MAX = (tPHL- tPLH)MAX = tPHL MAX - tPLH MIN
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: FOR PDD CALCULATIONS THE PROPAGATION DELAYS
ARE TAKEN AT THE SAME TEMPERATURE AND TEST CONDITIONS.
VOUT1
ILED2
VOUT2
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
tPLH
MIN
MAXIMUM DEAD TIME
(DUE TO OPTOCOUPLER)
= (tPHL MAX - tPHL MIN) + (tPLH MAX - tPLH MIN)
= (tPHL MAX - tPLH MIN) – (tPHL MIN - tPLH MAX)
= PDD* MAX – PDD* MIN
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: FOR DEAD TIME AND PDD CALCULATIONS ALL PROPAGATION
DELAYS ARE TAKEN AT THE SAME TEMPERATURE AND TEST CONDITIONS.
VOUT1
ILED2
VOUT2
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
tPHL MIN
tPHL MAX
tPLH MAX
PDD* MAX
(tPHL-tPLH) MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com