Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134RSB2 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 64Page - Microsemi Corporation IO134RSB2 Datasheet HTML 65Page - Microsemi Corporation IO134RSB2 Datasheet HTML 66Page - Microsemi Corporation IO134RSB2 Datasheet HTML 67Page - Microsemi Corporation IO134RSB2 Datasheet HTML 68Page - Microsemi Corporation IO134RSB2 Datasheet HTML 69Page - Microsemi Corporation IO134RSB2 Datasheet HTML 70Page - Microsemi Corporation IO134RSB2 Datasheet HTML 71Page - Microsemi Corporation IO134RSB2 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 63
3.3 V PCI, 3.3 V PCI-X
Peripheral Component Interface for 3.3 V standard specifies support for 33 MHz and 66 MHz PCI Bus
applications.
AC loadings are defined per the PCI/PCI-X specifications for the datapath; Microsemi loadings for enable
path characterization are described in Figure 2-10.
AC loadings are defined per PCI/PCI-X specifications for the datapath; Microsemi loading for tristate is
described in Table 2-87.
Table 2-85 • 1.5 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
0.66
12.33
0.04
1.42
0.43
11.79
12.33
2.45
2.32
ns
–1
0.56
10.49
0.04
1.21
0.36
10.03
10.49
2.08
1.98
ns
–2
0.49
9.21
0.03
1.06
0.32
8.81
9.21
1.83
1.73
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-86 • Minimum and Maximum DC Input and Output Levels
3.3 V PCI/PCI-X
VIL
VIH
VOL
VOH IOL IOH
IOSL
IOSH
IIL
IIH
Drive Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max,.
V
Min.
VmA mA
Max.
mA1
Max.
mA1
µA2 µA2
Per PCI specification
Per PCI curves
10
10
Notes:
1. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
2. Currents are measured at 85°C junction temperature.
Figure 2-10 • AC Loading
Test Point
Enable Path
R to VCCI for tLZ / tZL / tZLS
10 pF for tZH / tZHS / tZL / tZLS
5 pF for tHZ / tLZ
R to GND for tHZ / tZH / tZHS
R = 1 kΩ
Test Point
Datapath
R = 25Ω
R to VCCI for tDP (F)
R to GND for tDP (R)
Table 2-87 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
CLOAD (pF)
0
3.3
0.285 * VCCI for tDP(R)
0.615 * VCCI for tDP(F)
10
Note:
*Measuring point = Vtrip. See Table 2-22 on page 2-21 for a complete table of trip points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com