Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134RSB2 Datasheet(PDF) 94 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 94 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 90Page - Microsemi Corporation IO134RSB2 Datasheet HTML 91Page - Microsemi Corporation IO134RSB2 Datasheet HTML 92Page - Microsemi Corporation IO134RSB2 Datasheet HTML 93Page - Microsemi Corporation IO134RSB2 Datasheet HTML 94Page - Microsemi Corporation IO134RSB2 Datasheet HTML 95Page - Microsemi Corporation IO134RSB2 Datasheet HTML 96Page - Microsemi Corporation IO134RSB2 Datasheet HTML 97Page - Microsemi Corporation IO134RSB2 Datasheet HTML 98Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 89
Clock Conditioning Circuits
CCC Electrical Specifications
Timing Characteristics
Table 2-115 • ProASIC3 CCC/PLL Specification
Parameter
Minimum
Typical
Maximum
Units
Clock Conditioning Circuitry Input Frequency fIN_CCC
1.5
350
MHz
Clock Conditioning Circuitry Output Frequency fOUT_CCC
0.75
350
MHz
Serial Clock (SCLK) for Dynamic PLL1
125
MHz
Delay Increments in Programmable Delay Blocks2, 3
2004
ps
Number of Programmable Values in Each Programmable
Delay Block
32
Input Period Jitter
1.5
ns
CCC Output Peak-to-Peak Period Jitter FCCC_OUT
Max Peak-to-Peak Period Jitter
1 Global
Network
Used
3 Global
Networks
Used
0.75 MHz to 24 MHz
0.50%
0.70%
24 MHz to 100 MHz
1.00%
1.20%
100 MHz to 250 MHz
1.75%
2.00%
250 MHz to 350 MHz
2.50%
5.60%
Acquisition Time
(A3P250 and A3P1000 only)
LockControl = 0
300
µs
LockControl = 1
300
µs
(all other dies)
LockControl = 0
300
µs
LockControl = 1
6.0
ms
Tracking Jitter 5
(A3P250 and A3P1000 only)
LockControl = 0
1.6
ns
LockControl = 1
1.6
ns
(all other dies)
LockControl = 0
1.6
ns
LockControl = 1
0.8
ns
Output Duty Cycle
48.5
51.5
%
Delay Range in Block: Programmable Delay 12, 3
0.6
5.56
ns
Delay Range in Block: Programmable Delay 22, 3
0.225
5.56
ns
Delay Range in Block: Fixed Delay2, 3
2.2
ns
Notes:
1. Maximum value obtained for a –2 speed-grade device in worst-case commercial conditions. For specific junction
temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
2. This delay is a function of voltage and temperature. See Table 2-6 on page 2-6 for deratings.
3. TJ = 25°C, VCC = 1.5 V
4. When the CCC/PLL core is generated by Microsemi core generator software, not all delay values of the specified delay
increments are available. Refer to the Libero SoC Online Help for more information.
5. Tracking jitter is defined as the variation in clock edge position of PLL outputs with reference to the PLL input clock
edge. Tracking jitter does not measure the variation in PLL output period, which is covered by the period jitter
parameter.
6. The A3P030 device does not contain a PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com