Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134RSB2 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button IO134RSB2 Datasheet HTML 11Page - Microsemi Corporation IO134RSB2 Datasheet HTML 12Page - Microsemi Corporation IO134RSB2 Datasheet HTML 13Page - Microsemi Corporation IO134RSB2 Datasheet HTML 14Page - Microsemi Corporation IO134RSB2 Datasheet HTML 15Page - Microsemi Corporation IO134RSB2 Datasheet HTML 16Page - Microsemi Corporation IO134RSB2 Datasheet HTML 17Page - Microsemi Corporation IO134RSB2 Datasheet HTML 18Page - Microsemi Corporation IO134RSB2 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 10
Power Consumption of Various Internal Resources
Table 2-14 • Different Components Contributing to Dynamic Power Consumption in ProASIC3 Devices
Parameter
Definition
Device Specific Dynamic Contributions
(µW/MHz)
PAC1
Clock contribution of a Global Rib
14.50 12.80 12.80 11.00 11.00
9.30
9.30 9.30
PAC2
Clock contribution of a Global Spine
2.48
1.85
1.35
1.58
0.81
0.81
0.41 0.41
PAC3
Clock contribution of a VersaTile row
0.81
PAC4
Clock contribution of a VersaTile used as a
sequential module
0.12
PAC5
First contribution of a VersaTile used as a
sequential module
0.07
PAC6
Second contribution of a VersaTile used as a
sequential module
0.29
PAC7
Contribution of a VersaTile used as a
combinatorial Module
0.29
PAC8
Average contribution of a routing net
0.70
PAC9
Contribution of an I/O input pin (standard
dependent)
See Table 2-8 on page 2-6 through
Table 2-10 on page 2-7.
PAC10
Contribution of an I/O output pin (standard
dependent)
See Table 2-11 on page 2-8 through
Table 2-13 on page 2-9.
PAC11
Average contribution of a RAM block during a
read operation
25.00
PAC12
Average contribution of a RAM block during a
write operation
30.00
PAC13
Dynamic contribution for PLL
2.60
Note:
*For a different output load, drive strength, or slew rate, Microsemi recommends using the Microsemi Power
spreadsheet calculator or SmartPower tool in Libero SoC software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com