Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134RSB2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # IO134RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134RSB2 Datasheet(HTML) 1 Page - Microsemi Corporation

  IO134RSB2 Datasheet HTML 1Page - Microsemi Corporation IO134RSB2 Datasheet HTML 2Page - Microsemi Corporation IO134RSB2 Datasheet HTML 3Page - Microsemi Corporation IO134RSB2 Datasheet HTML 4Page - Microsemi Corporation IO134RSB2 Datasheet HTML 5Page - Microsemi Corporation IO134RSB2 Datasheet HTML 6Page - Microsemi Corporation IO134RSB2 Datasheet HTML 7Page - Microsemi Corporation IO134RSB2 Datasheet HTML 8Page - Microsemi Corporation IO134RSB2 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 210 page
background image
July 2014
I
© 2014 Microsemi Corporation
ProASIC3 Flash Family FPGAs
with Optional Soft ARM Support
Features and Benefits
High Capacity
•
15 K to 1 M System Gates
•
Up to 144 Kbits of True Dual-Port SRAM
•
Up to 300 User I/Os
Reprogrammable Flash Technology
•
130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS
Process
•
Instant On Level 0 Support
•
Single-Chip Solution
•
Retains Programmed Design when Powered Off
High Performance
•
350 MHz System Performance
•
3.3 V, 66 MHz 64-Bit PCI†
In-System Programming (ISP) and Security
•
ISP Using On-Chip 128-Bit Advanced Encryption Standard
(AES) Decryption (except ARM®-enabled ProASIC®3 devices)
via JTAG (IEEE 1532–compliant)†
•
FlashLock® to Secure FPGA Contents
Low Power
•
Core Voltage for Low Power
•
Support for 1.5 V-Only Systems
•
Low-Impedance Flash Switches
High-Performance Routing Hierarchy
•
Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
•
700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
•
1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
•
Wide Range Power Supply Voltage Support per JESD8-B,
Allowing I/Os to Operate from 2.7 V to 3.6 V
•
Bank-Selectable I/O Voltages—up to 4 Banks per Chip
•
Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V /
2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS
2.5 V / 5.0 V Input
•
Differential I/O Standards: LVPECL, LVDS, B-LVDS, and
M-LVDS (A3P250 and above)
•
I/O Registers on Input, Output, and Enable Paths
•
Hot-Swappable and Cold Sparing I/Os‡
•
Programmable Output Slew Rate† and Drive Strength
•
Weak Pull-Up/-Down
•
IEEE 1149.1 (JTAG) Boundary Scan Test
•
Pin-Compatible Packages across the ProASIC3 Family
Clock Conditioning Circuit (CCC) and PLL†
•
Six CCC Blocks, One with an Integrated PLL
•
Configurable Phase-Shift, Multiply/Divide, Delay Capabilities
and External Feedback
•
Wide Input Frequency Range (1.5 MHz to 350 MHz)
Embedded Memory†
•
1 Kbit of FlashROM User Nonvolatile Memory
•
SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM
Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
•
True Dual-Port SRAM (except ×18)
ARM Processor Support in ProASIC3 FPGAs
•
M1 ProASIC3 Devices—ARM®Cortex™-M1 Soft Processor
Available with or without Debug
† A3P015 and A3P030 devices do not support this feature.
‡ Supported only by A3P015 and A3P030 devices.
ProASIC3 Devices
A3P0151
A3P030
A3P060
A3P125
A3P250
A3P400
A3P600
A3P1000
Cortex-M1 Devices 2
M1A3P250
M1A3P400
M1A3P600
M1A3P1000
System Gates
15,000
30,000
60,000
125,000
250,000
400,000
600,000
1,000,000
Typical Equivalent Macrocells
128
256
512
1,024
2,048
–
–
–
VersaTiles (D-flip-flops)
384
768
1,536
3,072
6,144
9,216
13,824
24,576
RAM Kbits (1,024 bits)
–
–
18
36
36
54
108
144
4,608-Bit Blocks
––
4
8
8
12
24
32
FlashROM Kbits
11
1
1
1
1
1
1
Secure (AES) ISP 3
–
–
Yes
Yes
Yes
Yes
Yes
Yes
Integrated PLL in CCCs
––
1
1
1
1
1
1
VersaNet Globals 4
6
6
18
18
18
18
18
18
I/O Banks
22
2
2
4
4
4
4
Maximum User I/Os
49
81
96
133
157
194
235
300
Package Pins
QFN
CS
VQFP
TQFP
PQFP
FBGA
QN68
QN48, QN68,
QN1327
VQ100
QN1327
CS121
VQ100
TQ144
FG144
QN1327
VQ100
TQ144
PQ208
FG144
QN1327
VQ100
PQ208
FG144/256 5
PQ208
FG144/256/
484
PQ208
FG144/256/
484
PQ208
FG144/256/
484
Notes:
1. A3P015 is not recommended for new designs.
2. Refer to the Cortex-M1 product brief for more information.
3. AES is not available for Cortex-M1 ProASIC3 devices.
4. Six chip (main) and three quadrant global networks are available for A3P060 and above.
5. The M1A3P250 device does not support this package.
6. For higher densities and support of additional features, refer to the ProASIC3E Flash Family FPGAs datasheet.
7. Package not available.
Revision 15


Similar Part No. - IO134RSB2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
IO134PDB3V2 MICROSEMI-IO134PDB3V2 Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - IO134RSB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3P030 ETC2-A3P030 Datasheet
214Kb / 11P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Microsemi Corporation
A3P250-VQG100I MICROSEMI-A3P250-VQG100I Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-VQG100 MICROSEMI-A3P030-VQG100 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-PQG208I MICROSEMI-A3P600-PQG208I Datasheet
9Mb / 212P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-FG256 MICROSEMI-A3P600-FG256 Datasheet
9Mb / 210P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com