Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4953 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4953
Description  Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4953 Datasheet(HTML) 5 Page - Texas Instruments

  LM4953_14 Datasheet HTML 1Page - Texas Instruments LM4953_14 Datasheet HTML 2Page - Texas Instruments LM4953_14 Datasheet HTML 3Page - Texas Instruments LM4953_14 Datasheet HTML 4Page - Texas Instruments LM4953_14 Datasheet HTML 5Page - Texas Instruments LM4953_14 Datasheet HTML 6Page - Texas Instruments LM4953_14 Datasheet HTML 7Page - Texas Instruments LM4953_14 Datasheet HTML 8Page - Texas Instruments LM4953_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM4953, LM4953SDBD
www.ti.com
SNAS299E – SEPTEMBER 2005 – REVISED FEBRUARY 2006
Electrical Characteristics VDD = 3.0V
The following specifications apply for VDD = 3.0V, AV-BTL = 6dB, ZL = 2μF+30Ω unless otherwise specified. Limits apply to TA =
25°C. See Figure 1.
Symbol
Parameter
Conditions
LM4953
Units (Limits)
Typ(1)
Limit(2)(3)
Quiescent Power Supply
IDD
VIN = 0, ZLOAD = 2μF+30Ω
7
10
mA (max)
Current
Quiescent Power Supply
Istandby
VIN = 0, ZLOAD = 2μF+30Ω
2.3
mA
Current Auto Standby Mode
ISD
Shutdown Current
VSD-LC = VSD-RC = GND
0.1
1
µA (max)
SD1
V (min)
VSDIH
Shutdown Voltage Input High
0.7*CPVdd
SD2
SD1
V (max)
VSDIL
Shutdown Voltage Input Low
0.3*CPVdd
SD2
TWU
Wake-up Time
125
μsec
VOS
Output Offset Voltage
1
10
mV (max)
THD = 1% (max); f = 1kHz
VOUT
Output Voltage Swing
10.2
Vpp
ZL = 2μF+30Ω, Mono BTL
Total Harmonic Distortion +
THD+N
VOUT = 8.5Vp-p, fIN = 1kHz
0.02
%
Noise
OS
Output Noise
A-Weighted Filter, VIN = 0V
15
μV
VRIPPLE = 200mVp-p, f = 217Hz,
73
dB
Input Referred
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mVp-p, f = 1kHz,
68
dB
Input Referred
SNR
Signal-to-Noise Ratio
ZL = 2μF+30Ω, VOUT = 8.5Vp-p
105
dB
(1)
Typicals are measured at 25°C and represent the parametric norm.
(2)
Limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
(3)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4953 LM4953SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com