Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4953 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4953
Description  Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4953 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4953_14 Datasheet HTML 7Page - Texas Instruments LM4953_14 Datasheet HTML 8Page - Texas Instruments LM4953_14 Datasheet HTML 9Page - Texas Instruments LM4953_14 Datasheet HTML 10Page - Texas Instruments LM4953_14 Datasheet HTML 11Page - Texas Instruments LM4953_14 Datasheet HTML 12Page - Texas Instruments LM4953_14 Datasheet HTML 13Page - Texas Instruments LM4953_14 Datasheet HTML 14Page - Texas Instruments LM4953_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM4953, LM4953SDBD
www.ti.com
SNAS299E – SEPTEMBER 2005 – REVISED FEBRUARY 2006
Charge Pump Capacitor Selection
Use low ESR (equivalent series resistance) (<100m
Ω) ceramic capacitors with an X7R dielectric for best
performance. Low ESR capacitors keep the charge pump output impedance to a minimum, extending the
headroom on the negative supply. Higher ESR capacitors result in reduced output power from the audio
amplifiers.
Charge pump load regulation and output impedance are affected by the value of the flying capacitor (C1). A
larger valued C1 (up to 3.3uF) improves load regulation and minimizes charge pump output resistance. Beyond
3.3uF, the switch-on resistance dominates the output impedance for capacitor values above 2.2uF.
The output ripple is affected by the value and ESR of the output capacitor (C2). Larger capacitors reduce output
ripple on the negative power supply. Lower ESR capacitors minimize the output ripple and reduce the output
impedance of the charge pump.
The LM4953 charge pump design is optimized for 2.2uF, low ESR, ceramic, flying, and output capacitors.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value input coupling capacitors (Ci in Figure 1). A high
value capacitor can be expensive and may compromise space efficiency in portable designs. In many cases,
however, the speakers used in portable systems, whether internal or external, have little ability to reproduce
signals below 150Hz. Applications using speakers with this limited frequency response reap little improvement by
using high value input and output capacitors.
Besides affecting system cost and size, Ci has an effect on the LM4953's click and pop performance. The
magnitude of the pop is directly proportional to the input capacitor's size. Thus, pops can be minimized by
selecting an input capacitor value that is no higher than necessary to meet the desired
−3dB frequency.
As shown in Figure 1, the internal input resistor, Ri and the input capacitor, Ci, produce a -3dB high pass filter
cutoff frequency that is found using Equation 4. Conventional headphone amplifiers require output capacitors;
Equation 4 can be used, along with the value of RL, to determine towards the value of output capacitor needed to
produce a –3dB high pass filter cutoff frequency.
fi-3dB = 1 / 2πRiCi
(4)
Also, careful consideration must be taken in selecting a certain type of capacitor to be used in the system.
Different types of capacitors (tantalum, electrolytic, ceramic) have unique performance characteristics and may
affect overall system performance. (See the section entitled Charge Pump Capacitor Selection.)
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4953 LM4953SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com