Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4953 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4953
Description  Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4953 Datasheet(HTML) 1 Page - Texas Instruments

  LM4953_14 Datasheet HTML 1Page - Texas Instruments LM4953_14 Datasheet HTML 2Page - Texas Instruments LM4953_14 Datasheet HTML 3Page - Texas Instruments LM4953_14 Datasheet HTML 4Page - Texas Instruments LM4953_14 Datasheet HTML 5Page - Texas Instruments LM4953_14 Datasheet HTML 6Page - Texas Instruments LM4953_14 Datasheet HTML 7Page - Texas Instruments LM4953_14 Datasheet HTML 8Page - Texas Instruments LM4953_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4953, LM4953SDBD
www.ti.com
SNAS299E – SEPTEMBER 2005 – REVISED FEBRUARY 2006
LM4953 Boomer™ Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise,
Ceramic Speaker Driver
Check for Samples: LM4953, LM4953SDBD
1
FEATURES
DESCRIPTION
The LM4953 is an audio power amplifier designed for
23
Pop & Click Circuitry Eliminates Noise During
driving Ceramic Speaker in portable applications.
Turn-On and Turn-Off Transitions
When powered by a 3.6V supply, it is capable of
Low, 1
μA (Max) Shutdown Current
forcing 12.6Vpp across a 2
μF + 30Ω bridge-tied-load
Low, 7mA (Typ) Quiescent Current
(BTL) with less than 1% THD+N.
12.6Vpp Mono BTL Output, Load = 2
μF+ 30Ω
Boomer
audio
power
amplifiers
were
designed
specifically to provide high quality output power with a
Thermal Shutdown
minimal
amount
of
external
components.
The
Unity-Gain Stable
LM4953 does not require bootstrap capacitors, or
External Gain Configuration Capability
snubber circuits. Therefore it is ideally suited for
display applications requiring high power and minimal
APPLICATIONS
size.
Cellphone
The LM4953 features a low-power consumption
shutdown mode. Additionally, the LM4953 features an
PDA
internal thermal shutdown protection mechanism.
KEY SPECIFICATIONS
The LM4953 contains advanced pop & click circuitry
that eliminates noises which would otherwise occur
Quiescent Power Supply Current (Vdd = 3V),
during turn-on and turn-off transitions.
7mA(Typ)
The
LM4953
is
unity-gain
stable
and
can
be
BTL Voltage Swing
configured by external gain-setting resistors.
(2
μF+30Ω load, 1% THD+N, Vdd = 3.6V), 12.6Vpp
(Typ)
Shutdown Current, 1µA (Max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4953_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4953SD NSC-LM4953SD Datasheet
663Kb / 11P
Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
More results

Similar Description - LM4953_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com