Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4953 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4953
Description  Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4953 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4953_14 Datasheet HTML 3Page - Texas Instruments LM4953_14 Datasheet HTML 4Page - Texas Instruments LM4953_14 Datasheet HTML 5Page - Texas Instruments LM4953_14 Datasheet HTML 6Page - Texas Instruments LM4953_14 Datasheet HTML 7Page - Texas Instruments LM4953_14 Datasheet HTML 8Page - Texas Instruments LM4953_14 Datasheet HTML 9Page - Texas Instruments LM4953_14 Datasheet HTML 10Page - Texas Instruments LM4953_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
-80
-60
FREQUENCY (Hz)
100
10
-40
-10
0
100k
10k
1k
-50
-30
-20
-70
-80
-60
FREQUENCY (Hz)
100
10
-40
-10
0
100k
10k
1k
-50
-30
-20
-70
-80
-60
FREQUENCY (Hz)
100
10
-40
-10
0
100k
10k
1k
-50
-30
-20
-70
-80
-60
FREQUENCY (Hz)
100
10
-40
-10
0
100k
10k
1k
-50
-30
-20
-70
0.001
0.01
OUTPUT VOLTAGE SWING (Vrms)
1
0.5
3.0
0.1
1
10
4.0
3.5
2.5
2.0
1.5
4.5 5.0
6.0
5.5
0.001
0.01
OUTPUT VOLTAGE SWING (Vrms)
2
1
6
0.1
1
10
7
5
4
3
LM4953, LM4953SDBD
www.ti.com
SNAS299E – SEPTEMBER 2005 – REVISED FEBRUARY 2006
Typical Performance Characteristics (continued)
THD+N vs Output Voltage
THD+N vs Output Voltage
VDD = 3.6V, f = 1kHz, ZL = 2μF+30Ω
VDD = 4.2V, f = 1kHz, ZL = 2μF+30Ω
Figure 9.
Figure 10.
PSRR vs Frequency
PSRR vs Frequency
VDD = 2V, ZL = 2μF+30Ω
VDD = 3V, ZL = 2μF+30Ω
Figure 11.
Figure 12.
PSRR vs Frequency
PSRR vs Frequency
VDD = 3.6V, ZL = 2μF+30Ω
VDD = 4.2V, ZL = 2μF+30Ω
Figure 13.
Figure 14.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4953 LM4953SDBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com