Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 16 Page - Texas Instruments

Part # LM48822TLEVAL
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM48822TLEVAL Datasheet HTML 12Page - Texas Instruments LM48822TLEVAL Datasheet HTML 13Page - Texas Instruments LM48822TLEVAL Datasheet HTML 14Page - Texas Instruments LM48822TLEVAL Datasheet HTML 15Page - Texas Instruments LM48822TLEVAL Datasheet HTML 16Page - Texas Instruments LM48822TLEVAL Datasheet HTML 17Page - Texas Instruments LM48822TLEVAL Datasheet HTML 18Page - Texas Instruments LM48822TLEVAL Datasheet HTML 19Page - Texas Instruments LM48822TLEVAL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
VOLUME
CONTROL AND
MIXER
IN_+
IN_-
OUT_
CIN
CIN
LM48822, LM48822TLEVAL
SNAS456B – MAY 2008 – REVISED MARCH 2011
www.ti.com
Figure 9. Single-Ended Input Configuration
PCB LAYOUT CONFIGURATION
Minimize trace impedance of the power, ground and all output traces for optimum performance. Voltage loss due
to trace resistance between the LM48822 and the load results in decreased output power and efficiency. Trace
resistance between the power supply and ground has the same effect as a poorly regulated supply, increased
ripple and reduced peak output power. Use wide traces for power supply inputs and amplifier outputs to minimize
losses due to trace resistance, as well as route heat away from the device. Proper grounding improves audio
performance, minimizes crosstalk between channels and prevents switching noise from interfering with the audio
signal. Use of power and ground planes is recommended.
Place all digital components and route digital signal traces as far as possible from analog components and
traces. Do not run digital and analog traces in parallel on the same PCB layer. If digital and analog signal lines
must cross either over or under each other, ensure that they cross in a perpendicular fashion.
LM48822TL Demoboard of Materials
Table 6. LM48822TL Demoboard Bill of Materials
Designator
Quantity
Description
10µF ±10% 16V 500
Ω Tantalum Capacitor (B Case) AVX
C1
1
TPSB106K016R0500
1
μF ±10% 16V X5R Ceramic Capacitor (603) Panasonic
C2
1
ECJ-1VB1C105K
2.2
μF ±10% 10V X5R Ceramic Capacitor (603) Panasonic
C3, C8, C9
3
ECJ-1VB1A225K
1
μF ±10% 16V X7R Ceramic Capacitor (1206) Panasonic
C4 — C7
4
ECJ-3YB1C105K
5k
Ω ±5% 1/10W Thick Film Resistor (603) Vishay
R1, R2
2
CRCW06035R1KJNEA
J1
1
Stereo Headphone Jack
J2
1
16-Pin Boardmount Socket 3M 8516-4500JL
JU1
1
3 Pin Header
JU2
1
2 Pin Header
LM4822TL
1
LM48822TL (16-Bump microSMD)
16
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com