Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 17 Page - Texas Instruments

Part # LM48822TLEVAL
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM48822TLEVAL Datasheet HTML 13Page - Texas Instruments LM48822TLEVAL Datasheet HTML 14Page - Texas Instruments LM48822TLEVAL Datasheet HTML 15Page - Texas Instruments LM48822TLEVAL Datasheet HTML 16Page - Texas Instruments LM48822TLEVAL Datasheet HTML 17Page - Texas Instruments LM48822TLEVAL Datasheet HTML 18Page - Texas Instruments LM48822TLEVAL Datasheet HTML 19Page - Texas Instruments LM48822TLEVAL Datasheet HTML 20Page - Texas Instruments LM48822TLEVAL Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
OUTL
MOUNTING
SUPPORT
JU2
J2
SCL
SDA
R2
5k
R1
5k
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
VDD
SCL
SDA
INL+
1 PF
INL+
B3
C4
INL-
1 PF
INL-
B4
C5
INR+
1 PF
INR+
C3
C6
INR-
1 PF
INR-
C4
C7
VDD
VDD
A4
GND
GND
C2
VDD
OUTL
OUTR
J1
HPGND
COM
HEADPHONE_JACK
JU1
1
3
2
GND
1
R
4
CRT
3
A1
5
L
2
U1
C9
2.2 PF
C8
2.2 PF
GND
A3
B2
A1
A2
D4
D1
B1
OUTR
COM
C1P
C1N
CPVSS
CPGND
C2
1 PF
C1
10 PF
C3
2.2 PF
BIAS
C1
SCL
D2
SDA
D3
LM48822TL
LM48822, LM48822TLEVAL
www.ti.com
SNAS456B – MAY 2008 – REVISED MARCH 2011
Demoboard Schematic
Figure 10. FIGURE 8. LM48822 Demoboard Schematic
Demonstration Board PCB Layout
Figure 11. FIGURE 9. Solder Mask
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com