Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48822TLEVAL
Description  Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48822TLEVAL Datasheet HTML 10Page - Texas Instruments LM48822TLEVAL Datasheet HTML 11Page - Texas Instruments LM48822TLEVAL Datasheet HTML 12Page - Texas Instruments LM48822TLEVAL Datasheet HTML 13Page - Texas Instruments LM48822TLEVAL Datasheet HTML 14Page - Texas Instruments LM48822TLEVAL Datasheet HTML 15Page - Texas Instruments LM48822TLEVAL Datasheet HTML 16Page - Texas Instruments LM48822TLEVAL Datasheet HTML 17Page - Texas Instruments LM48822TLEVAL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
LM48822, LM48822TLEVAL
SNAS456B – MAY 2008 – REVISED MARCH 2011
www.ti.com
Table 5. Volume Control Table (continued)
VOLUME STEP
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
HP GAIN (dB)
34
1
0
0
0
0
1
–11
35
1
0
0
0
1
0
–10.5
36
1
0
0
0
1
1
–10
37
1
0
0
1
0
0
–9.5
38
1
0
0
1
0
1
–9
39
1
0
0
1
1
0
–8.5
40
1
0
0
1
1
1
–8
41
1
0
1
0
0
0
–7.5
42
1
0
1
0
0
1
–7
43
1
0
1
0
1
0
–6.5
44
1
0
1
0
1
1
–6
45
1
0
1
1
0
0
–5.5
46
1
0
1
1
0
1
–5
47
1
0
1
1
1
0
–4.5
48
1
0
1
1
1
1
–4
49
1
1
0
0
0
0
–3.5
50
1
1
0
0
0
1
–3
51
1
1
0
0
1
0
–2.5
52
1
1
0
0
1
1
–2
53
1
1
0
1
0
0
–1.5
54
1
1
0
1
0
1
–1
55
1
1
0
1
1
0
–0.5
56
1
1
0
1
1
1
0
57
1
1
1
0
0
0
0.5
58
1
1
1
0
0
1
1
59
1
1
1
0
1
0
1.5
60
1
1
1
0
1
1
2
61
1
1
1
1
0
0
2.5
62
1
1
1
1
0
1
3
63
1
1
1
1
1
0
3.5
64
1
1
1
1
1
1
4
SHUTDOWN FUNCTION
The LM48822 features three shutdown controls. Bits B6 (SDL) and B1 (SDR) of the MODE CONTROL register
control the left and right channels, respectively. Set the control bits to 1 to disable the corresponding channel.
When SDR = 1 and SDL = 0, the right channel is disabled, the right and left inputs are summed and output as a
mono signal on the OUTL. When SDL = 1 and SDR = 0, the left channel is disabled, while only the right input
signal is output on OUTR. Setting both SDL and SDR = 1 disables both channels, while the charge pump
remains active. Bit B6 (SHDN) of the VOLUME CONTROL register is the global shutdown control for the entire
device. Set SHDN = 1 to disable the entire device; both amplifiers and charge pump are disabled. Set SHDN = 0
for normal operation. SHDN = 1 overrides any other shutdown control bit.
MUTE FUNCTION
Set bits B2 (MUTE_LEFT) and B0 (MUTE_RIGHT) of the MODE CONTROL register to 1 to mute the respective
channels. Set MUTE_LEFT and MUTE_RIGHT to 0 for normal operation.
14
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com